データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH64FCX-R

  • AI
    The **MAH64FCX-R** is a high-performance **Full Bridge MOSFET Gate Driver IC**, typically utilized in power management and motor control applications. It is designed to drive four N-channel MOSFETs in a full-bridge configuration. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the MAH64FCX-R: | Parameter | Specification | | :--- | :--- | | **Configuration** | Full Bridge (4 N-Channel MOSFETs) | | **Supply Voltage (Vcc)** | Typically 10V to 20V | | **Bootstrap Voltage** | Up to 60V - 100V (depending on series variation) | | **Output Current** | High peak source/sink current for fast switching | | **Logic Compatibility** | 3.3V and 5V input logic levels | | **Package Type** | Often found in QFN or specialized surface-mount packages | --- ### 2. Core Electronic Components & Architecture The internal circuitry of this IC consists of several critical stages: * **Logic Input Stage:** Receives PWM signals from a microcontroller (MCU) or DSP. It usually features Schmitt triggers to prevent noise from causing false triggers. * **Level Shifters:** Because the "high-side" MOSFETs have sources connected to a floating node (the phase output), the IC uses internal level shifters to translate the low-voltage control signals to the high-voltage rail. * **Bootstrap Circuitry:** Uses an external diode and capacitor to generate a gate-drive voltage higher than the rail voltage, ensuring the high-side N-channel MOSFETs turn on completely. * **Protection Circuits:** * **Under-Voltage Lockout (UVLO):** Prevents the MOSFETs from turning on if the supply voltage is too low to ensure a saturated "ON" state. * **Cross-Conduction Protection (Dead Time):** Internally ensures that the high-side and low-side switches of the same leg are never "ON" at the same time, preventing a short circuit (shoot-through). --- ### 3. Common Applications This part is frequently integrated into systems requiring precise motion or power conversion: 1. **DC Motor Drives:** Used for bidirectional control (Forward/Reverse) of brushed DC motors. 2. **Stepper Motor Drivers:** Driving the phases of high-torque bipolar stepper motors. 3. **Class-D Audio Amplifiers:** Providing the switching power stage for high-efficiency audio. 4. **DC-to-AC Inverters:** Converting battery power into AC signals for power supplies. --- ### 4. Typical Connection Diagram (Simplified) ```text [VCC] ----+---- [Bootstrap Cap] ---- [HO Pin] | | [PWM In] ---- [MAH64FCX-R] ------------- [Gate of MOSFET] | | [GND] ----+------------------------ [LO Pin] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dead-time requirements for the MAH64FCX-R?
    • ⤷ Can this IC be used in a 3-phase BLDC motor application?
    • ⤷ What is the maximum operating frequency supported by this gate driver?