データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65FAX-R

  • AI
    The **MAH65FAX-R** is a specialized electronic component, typically identified as a high-frequency, high-stability **Crystal Oscillator (TCXO or VC-TCXO)** often used in telecommunications, networking infrastructure, and precision timing applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | Clipped Sine Wave or CMOS | | **Supply Voltage (Vcc)** | Usually 3.3V or 5.0V (indicated by "A/B" codes) | | **Frequency Stability** | ±0.5ppm to ±2.5ppm (depending on temperature range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Style** | Surface Mount Device (SMD) | --- ### 2. Internal Electronic Structure The "MAH" series architecture consists of three main electronic sub-blocks: 1. **Crystal Blank:** A precision-cut quartz crystal that provides the fundamental mechanical resonance. 2. **Compensation Network:** An integrated circuit (IC) that measures the ambient temperature and adjusts the load capacitance of the crystal to counteract frequency drift. 3. **Output Buffer:** A transistor-based stage that stabilizes the output signal and ensures it can drive the connected load without affecting the oscillator's frequency. --- ### 3. Pin Configuration (Typical 4-Pin/6-Pin SMD) While layouts can vary by manufacturer (often Mercury Electronic or similar), the standard pinout is as follows: * **Pin 1:** Voltage Control (for VC-TCXO) or No Connect. * **Pin 2:** Ground (GND). * **Pin 3:** Output Signal. * **Pin 4:** Supply Voltage (Vcc). --- ### 4. Application Areas Because of the "R" suffix (often denoting RoHS compliance and high reliability), this part is found in: * **GPS/GNSS Receivers:** Requiring high timing accuracy for positioning. * **Wireless Communication:** Base stations and Point-to-Point radio links. * **SONET/SDH:** Synchronous optical networking equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency of your MAH65FAX-R unit?
    • ⤷ Do you need the full pinout diagram for a specific PCB layout?
    • ⤷ Are you looking for an equivalent replacement part from a different manufacturer?