データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65FBG-R

  • AI
    The **MAH65FBG-R** is a high-performance, N-Channel Enhancement Mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is designed for efficient power switching and management in industrial and automotive applications. --- ### ## 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with the MAH65FBG-R: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650V | | **Continuous Drain Current** | $I_D$ | 65A (at 25°C) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~0.045Ω - 0.055Ω | | **Total Gate Charge** | $Q_g$ | ~120 - 150 nC | | **Package Type** | Case | TO-247 or TO-247LL | --- ### ## 2. Core Features * **Super Junction Technology:** It utilizes super-junction structures to achieve extremely low on-resistance ($R_{DS(on)}$), which minimizes power loss during the conduction state. * **High Speed Switching:** The low gate charge ($Q_g$) allows the device to turn on and off rapidly, making it suitable for high-frequency power converters. * **High Ruggedness:** Designed to withstand high avalanche energy, meaning it can handle transient voltage spikes without immediate failure. * **RoHS Compliant:** The "R" suffix often indicates compliance with environmental regulations regarding lead-free materials. --- ### ## 3. Common Applications This MOSFET is generally used in high-power environments where efficiency and thermal management are critical: 1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of AC/DC converters for servers and industrial power bricks. 2. **Uninterruptible Power Supplies (UPS):** Managing high-voltage battery-to-AC inversion. 3. **Solar Inverters:** Converting DC energy from solar panels into grid-compatible AC power. 4. **EV Charging Stations:** Handling the high-voltage/high-current requirements of fast-charging infrastructure. --- ### ## 4. Pin Configuration The MAH65FBG-R usually follows the standard 3-pin power transistor layout: ```text Pin 1: Gate (G) - Controls the turning ON/OFF of the MOSFET. Pin 2: Drain (D) - Connected to the high-voltage load. Pin 3: Source (S) - Connected to the common ground or return path. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating (RthJC) for the MAH65FBG-R?
    • ⤷ Can this MOSFET be used in a Half-Bridge topology for motor control?
    • ⤷ How does the Super Junction technology compare to standard planar MOSFETs in terms of efficiency?