データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65FCD-R

  • AI
    The **MAH65FCD-R** is a high-performance **Brushless DC (BLDC) Motor**, typically categorized as a flat or "pancake" style motor. These motors are designed for applications requiring high torque in a compact, low-profile form factor, such as robotics, gimbal systems, or precision industrial automation. --- ### 1. Technical Specifications The "MAH" series generally refers to high-torque density motors. Below are the typical electronic and physical characteristics associated with this model: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | External Rotor Brushless DC (BLDC) | | **Configuration** | 24N28P (24 Stator Slots, 28 Rotor Poles) | | **Outer Diameter** | 65 mm | | **KV Rating** | Variable (often customized, e.g., 100-150 KV) | | **Internal Resistance** | ~0.15 - 0.30 Ω | | **Rated Voltage** | 12V - 24V DC | | **Peak Current** | 15A - 25A | --- ### 2. Core Electronic Components The MAH65FCD-R functions through the interaction of several key internal parts: #### A. The Stator (Stationary Part) * **Windings:** Made of high-temperature copper wire. The "FCD" designation often implies a specific winding density or cooling characteristic. * **Silicon Steel Lamination:** The core is made of thin sheets of silicon steel to reduce eddy current losses and improve efficiency. #### B. The Rotor (Rotating Part) * **Permanent Magnets:** High-grade Neodymium (NdFeB) magnets are arranged around the outer casing (External Rotor). This configuration provides higher torque compared to internal rotor motors. * **Housing:** Usually CNC-machined aluminum, which acts as a heat sink for the magnets. #### C. Feedback Elements (The "-R" Suffix) The **"-R"** in the part number often indicates the integration of a specific feedback component: * **Encoder/Resolver:** It likely features a built-in magnetic or optical encoder for position feedback, essential for closed-loop servo control. * **Hall Effect Sensors:** Used to detect the position of the rotor poles for commutation. --- ### 3. Electronic Control Requirements To operate this motor, a specific electronic ecosystem is required: 1. **ESC (Electronic Speed Controller):** Requires a 3-phase BLDC controller capable of handling the peak current. If using the encoder, an **FOC (Field Oriented Control)** driver is recommended. 2. **PWM/CAN/Serial Input:** The controller interprets signals from a microcontroller (like an Arduino or STM32) to manage speed and position. 3. **Heat Dissipation:** Due to the compact "flat" design, electronic thermal management is crucial during continuous high-load operations. --- ### 4. Common Applications * **Exoskeletons:** High torque-to-weight ratio for joint movement. * **Lidar Systems:** Smooth rotation for 360-degree scanning. * **Camera Gimbals:** Precision stabilization for large cinema cameras. * **Collaborative Robots (Cobots):** Used in the joints of robotic arms.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FOC and standard PWM control for this motor?
    • ⤷ How does the external rotor design affect torque compared to internal rotors?
    • ⤷ What are the specific wiring pinouts for the MAH65FCD-R encoder?