データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65TAD-R

  • AI
    The **MAH65TAD-R** is a high-performance, shielded power inductor primarily used in automotive and industrial power electronics. It belongs to a class of surface-mount (SMD) components designed to handle high currents while maintaining a compact footprint. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the MAH65TAD series (Note: specific values like inductance depend on the exact dash number following the series name, but the "R" generally signifies Tape & Reel packaging). | Parameter | Specification | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance Range** | Typically 1.0µH to 10µH (model specific) | | **Current Rating** | High (often 5A to 15A range) | | **Operating Temperature** | -40°C to +125°C or +150°C | | **DCR (DC Resistance)** | Ultra-low to minimize power loss | | **Construction** | Metal alloy/Magnetic powder molding | --- ### 2. Core Electronic Features #### A. Magnetic Shielding The "MAH" series utilizes a molded construction where the coil is embedded in a metallic powder composite. This provides: * **Low EMI:** Minimal magnetic flux leakage, which is critical for sensitive automotive sensors. * **High Saturation:** Unlike ferrite cores that drop inductance sharply, these parts have a "soft saturation" curve. #### B. Thermal Stability The materials used are designed to withstand the harsh environments of an engine compartment or industrial machinery. The "TAD" designation often refers to a specific termination style or material enhancement for better vibration resistance. #### C. AEC-Q200 Compliance As an automotive-grade part, it is tested to meet AEC-Q200 standards, ensuring it can handle: * Thermal shock. * Mechanical vibration and moisture. * Voltage surges. --- ### 3. Typical Applications These inductors are commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as the energy storage element in buck or boost regulators. 2. **LED Drivers:** Providing stable current for automotive headlamps. 3. **ADAS Systems:** Filtering power for Advanced Driver Assistance Systems (Cameras, Radar). 4. **Infotainment:** Powering high-speed processors in car head units. --- ### 4. Circuit Symbol and Footprint ```cpp // Schematic Representation (Inductor) ----(nnnn)---- L1 ``` The footprint is a standard **SMD (Surface Mount Device)** square or rectangular pad layout, designed for automated pick-and-place assembly and reflow soldering.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R10 vs 4R7 versions of this series?
    • ⤷ How does 'soft saturation' in metal composite inductors differ from ferrite cores?
    • ⤷ What are the soldering profile requirements for AEC-Q200 inductors?