データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65TAX-R

  • AI
    The **MAH65TAX-R** is a high-performance, high-voltage, high-current Rectifier Diode Module typically used in heavy industrial applications. It is designed to convert alternating current (AC) into direct current (DC) in demanding power environments. --- ### 1. Technical Specifications The following table summarizes the primary electronic characteristics of the MAH65TAX-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Circuit Configuration** | 3-Phase Bridge | Integrated 6-diode configuration | | **Max Average Forward Current ($I_{O}$)** | 65 Amperes | The maximum continuous DC output current | | **Peak Reverse Voltage ($V_{RRM}$)** | 1600 Volts | Maximum repetitive peak reverse voltage | | **Peak Forward Surge Current ($I_{FSM}$)** | ~1000A (at 60Hz) | Max non-repetitive peak current for one cycle | | **Isolation Voltage ($V_{ISO}$)** | 2500V AC | Electrical isolation between terminals and baseplate | | **Junction Temperature ($T_{j}$)** | -40 to +150 °C | Operating thermal range | --- ### 2. Key Electronic Features * **Insulated Baseplate:** The internal circuitry is electrically isolated from the mounting base. This allows multiple modules to be mounted on a single heatsink without short-circuiting. * **Low Forward Voltage Drop:** Designed to minimize power loss during conduction, which improves overall system efficiency. * **High Thermal Conductivity:** Uses a specialized ceramic or metal substrate to facilitate rapid heat transfer from the silicon chips to the external heatsink. * **Reliability:** Built to withstand frequent power cycling and high thermal stress. --- ### 3. Common Applications Due to its high voltage rating and current capacity, the MAH65TAX-R is commonly found in: 1. **Industrial Power Supplies:** For heavy machinery and control panels. 2. **Motor Drives:** Specifically for the AC-to-DC rectification stage in Variable Frequency Drives (VFDs). 3. **Battery Chargers:** Large-scale industrial charging systems for forklifts or backup power banks. 4. **Welding Equipment:** Converting high-current AC to stable DC for arc welding. --- ### 4. Circuit Diagram Representation In a 3-phase bridge configuration, the internal structure consists of six diodes connected as follows: ```text L1 (AC Input) ---->|----[+] |----|<----[-] L2 (AC Input) ---->|----[+] |----|<----[-] L3 (AC Input) ---->|----[+] |----|<----[-] ``` *(Where `>|` represents the diode direction pointing toward the positive DC output rail)*
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MAH65TAX-R at full load?
    • ⤷ How does the surge current rating affect the fuse selection for this module?
    • ⤷ Can this module be used in a single-phase circuit configuration?