データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH65TCA-R

  • AI
    The **MAH65TCA-R** is a high-performance, ultra-compact **Brushless DC (BLDC) Motor Driver** developed by **Oriental Motor**. It is part of the BLH Series, specifically designed for applications requiring precise speed control and high torque in space-constrained environments. Below is a breakdown of its electronic components and technical characteristics. --- ## 1. Core Technical Specifications The "MAH65TCA-R" designation refers specifically to the **driver unit** rather than the motor itself. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 VDC ±10% | | **Rated Output Power** | 65 Watts (approx. 1/12 HP) | | **Speed Control Range** | 80 to 3000 r/min (analog) / 80 to 3000 r/min (digital) | | **Control Method** | PWM (Pulse Width Modulation) Control | | **Connection Type** | RS-485 Communication / Digital I/O | | **Cooling** | Natural Air Cooling | --- ## 2. Key Electronic Interfaces The driver acts as the "brain" for the BLDC motor, managing power distribution and feedback loops. ### A. Power Supply & Output Stages * **DC Power Input:** Typically utilizes a 24V bus. The internal circuitry includes capacitors for voltage smoothing and protection against reverse polarity. * **Three-Phase Inverter:** Uses an array of MOSFETs or IGBTs to switch power to the motor’s stator windings in a specific sequence to create rotation. ### B. Communication & Feedback * **RS-485 Modbus RTU:** The "-R" suffix indicates support for RS-485 communication. This allows for digital parameter setting, monitoring of torque/load, and daisy-chaining multiple drivers. * **Encoder/Hall Sensor Interface:** Receives signals from the motor's internal sensors to monitor rotor position and maintain constant speed even as the load changes. ### C. I/O Terminals * **Speed Control:** Can be managed via an external DC voltage (0-5V or 0-10V) or an external potentiometer. * **Alarm/Status Signals:** Features output pins to signal errors (overcurrent, overheating, or rotor lock). --- ## 3. Protective Circuitry The MAH65TCA-R includes several integrated safety layers to prevent electronic failure: 1. **Overload Protection:** If the motor exceeds its rated torque for a specific duration, the driver cuts power to prevent winding burnout. 2. **Overvoltage/Undervoltage:** Shuts down if the 24V DC supply fluctuates outside the safe operating window. 3. **Over-speed Protection:** Monitors the Hall effect sensors to ensure the motor doesn't exceed its physical RPM limits. --- ## 4. Typical Wiring Configuration ```mermaid graph LR A[24VDC Power Supply] --> B[MAH65TCA-R Driver] C[PLC / Controller] -- RS-485 --> B B --> D[BLH Series Motor] D -- Hall Feedback --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the RS-485 connector on this driver?
    • ⤷ Can this driver be used with motors from brands other than Oriental Motor?
    • ⤷ How do I configure the speed parameters using the MEXE02 software?