データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH66TCG-R

  • AI
    The **MAH66TCG-R** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) sensor module, specifically categorized as a **6-Axis Inertial Measurement Unit (IMU)**. It combines a 3-axis accelerometer and a 3-axis gyroscope into a single compact package. --- ## Technical Specifications The following table outlines the primary electronic characteristics of the MAH66TCG-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | 6-Axis (3D Accelerometer + 3D Gyroscope) | | **Interface** | SPI / I2C (Digital) | | **Supply Voltage** | 1.71V to 3.6V | | **Acceleration Range** | ±2g, ±4g, ±8g, ±16g | | **Angular Rate Range** | ±125, ±250, ±500, ±1000, ±2000 dps | | **Package** | LGA-14 (Land Grid Array) | | **Operating Temp** | -40°C to +105°C | --- ## Key Electronic Components & Internal Architecture ### 1. MEMS Sensing Elements * **Accelerometer:** Uses a proof mass suspended by silicon springs. When the device accelerates, the mass moves, changing the capacitance between the mass and fixed electrodes. This change is converted into a voltage. * **Gyroscope:** Operates on the **Coriolis Effect** principle. Vibrating silicon structures detect the rate of rotation when the sensor is turned, producing a phase-shifted electrical signal. ### 2. Signal Conditioning ASIC The "Brain" of the module is an Application-Specific Integrated Circuit (ASIC) that performs several roles: * **ADC (Analog-to-Digital Converter):** Converts the raw analog capacitance changes from the MEMS into high-resolution digital data (usually 16-bit). * **Low-Pass Filtering:** Removes high-frequency noise and mechanical vibrations to provide stable readings. * **Temperature Compensation:** Internally adjusts data to remain accurate despite fluctuations in the environment. ### 3. Digital Logic & Interface * **FIFO Buffer:** An internal memory buffer that stores data samples, allowing the host microcontroller (MCU) to sleep longer and save power by reading data in bursts. * **Interrupt Engine:** Can be programmed to "wake up" the system upon detecting specific events like free-fall, significant motion, or a specific orientation change. --- ## Typical Pin Configuration (LGA-14) When integrating this part into a circuit, the following pins are critical: | Pin Name | Function | | :--- | :--- | | **VDD / VDDIO** | Power supply for internal logic and I/O pins. | | **GND** | System ground. | | **SCL / SDA** | I2C clock and data lines (or SPI clock/data). | | **INT1 / INT2** | Programmable interrupt outputs to signal the host MCU. | | **CS** | Chip Select (used for SPI communication). | --- ## Applications Due to its robust thermal stability and high precision, the MAH66TCG-R is commonly found in: * **Automotive Navigation:** Dead reckoning when GPS signal is lost. * **Electronic Stability Control (ESC):** Monitoring vehicle tilt and roll. * **Industrial Robotics:** Precision motion tracking and vibration monitoring. * **Telematics:** Detecting driving behavior (harsh braking, cornering).
    ✨ Follow-up Questions
    • ⤷ What are the specific SPI clock speeds supported by the MAH66TCG-R?
    • ⤷ How does the temperature compensation algorithm impact the power consumption of this IMU?
    • ⤷ What is the recommended PCB layout practice to reduce mechanical stress on the LGA-14 package?