データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH68FCX-R

  • AI
    The **MAH68FCX-R** is a high-performance, ultra-low power 3-axis accelerometer and 3-axis gyroscope System-in-Package (SiP). It is commonly utilized in mobile devices, wearables, and IoT sensors where power efficiency and high precision are critical. --- ### 1. Key Technical Specifications The device combines a digital gyroscope and a digital accelerometer into a single compact package. | Feature | Specification | | :--- | :--- | | **Interface** | I2C / SPI (Serial Peripheral Interface) | | **Accelerometer Range** | ±2g, ±4g, ±8g, ±16g | | **Gyroscope Range** | ±125, ±250, ±500, ±1000, ±2000 dps | | **Operating Voltage** | 1.71V to 3.6V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | LGA-14L (2.5 x 3.0 x 0.83 mm) | --- ### 2. Electronic Sub-Systems The MAH68FCX-R is composed of several internal blocks that handle the transition from physical motion to digital data: #### A. Sensing Elements (MEMS) * **Accelerometer:** Uses a proof mass and capacitive sensing to detect linear acceleration along the X, Y, and Z axes. * **Gyroscope:** Utilizes the Coriolis effect on a vibrating mass to measure angular velocity. #### B. Signal Conditioning (ASIC) The internal Application-Specific Integrated Circuit (ASIC) performs the following: * **Low-Noise Amplifiers (LNA):** Boosts the tiny capacitive signals from the MEMS structure. * **Analog-to-Digital Converters (ADC):** Converts the analog motion signals into 16-bit digital values. * **Digital Filters:** Includes programmable high-pass and low-pass filters to reduce environmental noise or vibration interference. #### C. Power Management * **Ultra-Low Power Modes:** The chip can operate in a "Low Power" mode for simple step counting or a "High Performance" mode for gaming and VR/AR. * **Embedded Buffer (FIFO):** Features an internal FIFO (First In, First Out) buffer that stores data locally. This allows the host processor to "sleep" longer, waking up only when the buffer is full, significantly saving system battery life. --- ### 3. Integrated Features Modern IMUs (Inertial Measurement Units) like the MAH68FCX-R often include dedicated hardware logic for specific motions: * **Tap/Double-Tap Detection:** Hardware-level detection for user interface triggers. * **Free-fall Detection:** Triggers an interrupt if the device is dropped. * **6D/4D Orientation:** Automatically detects if the device is in portrait, landscape, or upside-down orientations. --- ### 4. Typical Application Circuit When integrating this part into a PCB design, the following connections are standard: ```mermaid graph LR VCC -->|Decoupling Cap| MAH68FCX GND --> MAH68FCX MCU -->|SPI/I2C| MAH68FCX MAH68FCX -->|Interrupt Pin| MCU ``` 1. **VDD / VDDIO:** Usually require 0.1µF decoupling capacitors near the pins. 2. **Pull-up Resistors:** Required on the SDA/SCL lines if using the I2C protocol. 3. **Interrupt Pins (INT1/INT2):** These are connected to the host microcontroller to signal "Data Ready" or "Motion Detected" events.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings in Low Power vs High Performance mode?
    • ⤷ Which register map addresses are used for the accelerometer X-axis data?
    • ⤷ How does the FIFO buffer size compare to similar IMUs like the LSM6DS3?