MAH71TAX-R
AI

The **MAH71TAX-R** is a specialized high-performance cooling fan component, typically manufactured by **Nidec Corporation**. It is designed for thermal management in server systems, telecommunications equipment, and industrial computing where high static pressure and reliability are critical.
---
### 1. Technical Specifications
The "MAH" series generally refers to high-airflow axial fans. Below are the typical electronic and mechanical characteristics associated with this part number:
| Feature | Description |
| :--- | :--- |
| **Frame Size** | 70mm x 70mm x 38mm (Commonly) |
| **Voltage** | 12V DC (Standard for T-series) |
| **Bearing Type** | Dual Ball Bearing (for long MTBF) |
| **Control Signal** | PWM (Pulse Width Modulation) for speed control |
| **Feedback Signal** | Tachometer (FG - Frequency Generator) output |
| **Termination** | 4-wire lead (VCC, Ground, PWM, Tach) |
---
### 2. Key Electronic Components
Inside the fan assembly, several electronic parts work together to manage motor rotation and communication with the host system:
* **Brushless DC (BLDC) Motor:** Utilizes a permanent magnet rotor and electromagnetic stator coils, eliminating friction from brushes.
* **Driver IC (Integrated Circuit):** A specialized controller that manages the commutation of the motor phases. It interprets the PWM input signal to adjust the duty cycle and resulting RPM.
* **Hall Effect Sensor:** An internal sensor that detects the position of the rotor's magnetic field to ensure precise timing for phase switching.
* **Protection Circuitry:**
* **Locked Rotor Protection:** Automatically cuts power or attempts restarts if the blades are obstructed to prevent coil burnout.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped.
---
### 3. Pinout Configuration
Since this is a high-performance "R" (usually indicating high RPM or specific environmental Rating) model, it typically follows the standard 4-wire server fan pinout:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | GND | Ground / Negative |
| **Red** | VCC | +12V Power Supply |
| **Yellow** | Tach/FG | Outputs pulses (usually 2 per revolution) to monitor speed |
| **Blue** | PWM | Input signal from the motherboard to control fan speed |
---
### 4. Applications
The **MAH71TAX-R** is engineered for environments with high impedance (dense heat sinks or tightly packed server chassis):
* **Enterprise Servers:** 1U/2U rack-mounted systems.
* **Network Switches:** Cooling high-speed ASICs.
* **Power Supplies:** Internal cooling for high-wattage industrial PSUs.
- ⤷
What is the maximum RPM and Airflow (CFM) for the MAH71TAX-R?
- ⤷ Can this fan be used with a standard 3-pin header?
- ⤷ What are the specific environmental ratings for the 'R' suffix in this model?