データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH71TCA-R

  • AI
    The **MAH71TCA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and filtering. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The MAH71TCA series is designed for high-current applications where space-saving (low profile) and efficiency are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Construction** | Metal Composite (Molded) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Iron Powder / Magnetic Metal | | **Shielding** | Shielded (Reduces EMI/Electromagnetic Interference) | --- ### 2. Technical Parameters While exact values can vary slightly by manufacturer (such as Cyntec or Chilisin), the "71" usually refers to the physical footprint size. * **Inductance Range:** Usually ranges from 0.1μH to 10μH depending on the specific sub-model code. * **DC Resistance (DCR):** Extremely low, designed to minimize power loss as heat. * **Saturation Current ($I_{sat}$):** High saturation levels, meaning the inductor maintains its properties even under high current spikes. * **Operating Temperature:** Typically rated from **-40°C to +125°C**, making it suitable for automotive or industrial use. --- ### 3. Key Features & Benefits 1. **Compact Profile:** The "TCA" designation often refers to a thin/low-profile height, making it ideal for mobile devices or slim laptops. 2. **Magnetic Shielding:** The molded metal construction acts as a natural shield, preventing the magnetic field from interfering with neighboring components on the PCB. 3. **Low Buzz Noise:** Because the core is molded around the coil, there are no gaps to vibrate, significantly reducing acoustic noise (coil whine). 4. **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, metal composite cores provide a gradual "soft" saturation curve. --- ### 4. Typical Applications The MAH71TCA-R is commonly found in: * **DC-DC Converters:** Used in Buck or Boost converters for power supplies. * **GPUs and CPUs:** Providing stable current for high-performance processors. * **Smartphones/Tablets:** Battery management systems where space is limited. * **SSD Power Rails:** Ensuring clean power delivery to NAND flash memory. ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the 'R' suffix in this part number?
    • ⤷ Which manufacturers are the primary producers of the MAH71 series?
    • ⤷ How does a metal composite inductor differ from a traditional ferrite inductor in performance?