データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH71TCG-R

  • AI
    The **MAH71TCG-R** is a specific technical part number typically associated with **automotive steering angle sensor modules** or complex **electromechanical connectors** used in vehicle control systems. Below is a breakdown of the electronic and mechanical characteristics generally associated with this component. --- ### 1. Component Overview The MAH71TCG-R is designed to function within the **CAN-bus (Controller Area Network)** environment of a vehicle. It acts as a bridge between physical driver input (steering) and the Electronic Control Unit (ECU). ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Steering Angle Sensor / Clock Spring Connector | | **Interface** | Multi-pin high-density connector | | **Material** | High-temp thermoplastic housing with copper alloy contacts | | **Mounting** | Steering column integrated | | **Signal Type** | Digital/Analog (depending on specific ECU pairing) | ### 3. Electronic Architecture The internal electronics of a part in this series usually include: * **Optoelectronic Sensors:** Uses infrared LEDs and photo-transistors to detect the rotation of a slotted disc, translating physical movement into digital pulses. * **Hall Effect ICs:** In newer iterations, it utilizes magnetic field sensing to determine position without physical contact, increasing longevity. * **Signal Processing:** An onboard ASIC (Application-Specific Integrated Circuit) filters noise and ensures the data sent to the Stability Control (ESC) or Power Steering (EPS) module is accurate. ### 4. Pinout and Connectivity While pinouts can vary by vehicle model, the "MAH" series typically utilizes a standardized interface: 1. **VCC:** Power Supply (usually 5V or 12V). 2. **GND:** Ground. 3. **CAN High / CAN Low:** Differential signaling for data transmission. 4. **Analog Out:** (Optional) for legacy system redundancy. ### 5. Common Applications * **Electronic Stability Control (ESC):** To detect if the driver is steering in a direction different from the car's actual path. * **Adaptive Headlights:** To pivot lights in the direction of the turn. * **Lane Keep Assist:** Providing feedback for steering corrections. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms for the MAH71TCG-R sensor?
    • ⤷ How do I test the resistance of the internal clock spring in this unit?
    • ⤷ Is this part compatible with non-automotive industrial control systems?