データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH72TAA-R

  • AI
    The **MAH72TAA-R** is a specific part number typically associated with **Hosei/Hitachi** or similar Japanese industrial electronics manufacturers, often used in specialized automotive or heavy machinery sensors (specifically **Angle Sensors** or **Magnetic Hall Effect Sensors**). Below is a breakdown of its technical profile, electronic components, and functional characteristics. --- ### 1. Technical Specifications The MAH72 series generally refers to high-precision, non-contact rotary sensors. | Feature | Description | | :--- | :--- | | **Sensor Type** | Non-contact Magnetic (Hall Effect) | | **Output Signal** | Ratiometric Analog or PWM | | **Operating Voltage** | Typically 5V DC (Standard for automotive ECUs) | | **Rotation Angle** | Usually 0° to 360° (programmable range) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Mounting** | Flange mount with integrated connector | --- ### 2. Core Electronic Components The internal architecture of the MAH72TAA-R consists of several critical electronic sub-systems: #### A. Hall Effect IC * **Function:** The heart of the sensor. It detects the change in the magnetic field vector as a magnet (attached to the rotating shaft) moves. * **Redundancy:** These units often feature **dual-die** architecture (two independent circuits in one housing) for safety-critical applications like "Drive-by-Wire." #### B. Signal Processing (ASIC) * **Function:** Converts the raw magnetic flux density into a linear voltage or digital signal. * **Calibration:** Includes an EPROM/EEPROM where factory calibration data is stored to ensure the output remains accurate despite mechanical tolerances. #### C. Protection Circuitry * **ESD Protection:** Diodes to prevent damage from Electrostatic Discharge. * **EMI/RFI Filtering:** Capacitors and ferrites to ensure the sensor does not produce or react to electromagnetic interference, crucial in engine bays. --- ### 3. Application Areas The "TAA-R" variant is commonly found in the following systems: 1. **Throttle Position Sensors (TPS):** Measuring the exact angle of the butterfly valve. 2. **Accelerator Pedal Sensors:** Translating foot pressure into an electronic signal. 3. **EGR Valve Position:** Monitoring the opening of Exhaust Gas Recirculation valves for emissions control. 4. **Steering Angle Sensors:** Providing feedback for stability control systems. --- ### 4. Key Advantages * **Durability:** Since it is non-contact, there is no physical wiper (unlike a potentiometer) to wear out, leading to a much longer lifespan. * **Sealing:** The electronic parts are usually encapsulated in epoxy resin (potting), making the unit resistant to oil, moisture, and vibration. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MAH72TAA-R connector?
    • ⤷ How do I test the output signal of this sensor using a multimeter?
    • ⤷ Are there specific diagnostic trouble codes (DTCs) associated with this part failing?