データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH73TBA-R

  • AI
    The **MAH73TBA-R** is a specific technical part number typically associated with **LCD/LED Display Modules**, often found in high-end automotive instrument clusters (such as those for Mercedes-Benz) or industrial interface panels. Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ### 1. Technical Specifications The following table outlines the general electronic characteristics of the MAH73TBA-R display series: | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Transistor (TFT) LCD | | **Backlight Type** | White LED (WLED) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Screen Surface** | Antiglare / Hard Coating | | **Voltage Supply** | Typically 3.3V (Logic) / 12V (Backlight Driver) | | **Touch Integration** | Generally Non-touch (standard version) | --- ### 2. Key Electronic Parts & Sub-systems #### A. The LCD Controller / Driver IC This is the "brain" of the module. It translates the incoming digital signals (via LVDS) into the voltages required to flip the liquid crystals at each pixel location. * **Function:** Manages timing, grayscale levels, and color depth. #### B. LED Backlight Driver Because the LCD does not emit light itself, it requires a series of LEDs behind the panel. * **Components:** DC-DC Boost Converter, PWM (Pulse Width Modulation) controller for brightness dimming. * **Connector:** Often a separate 2-pin or 6-pin flexible cable dedicated to high-voltage power for the LED string. #### C. PCB Assembly (PCBA) Located on the back of the panel, the PCB contains: * **Smoothing Capacitors:** To prevent voltage drops during high-speed switching. * **EEPROM:** Sometimes contains the display's EDID (Extended Display Identification Data) so the host computer recognizes the resolution and refresh rate. #### D. LVDS Connector The physical interface point (usually a 20-pin or 30-pin high-density connector). * **Signal Path:** Receives high-speed differential pairs to minimize Electromagnetic Interference (EMI) and noise over the cable. --- ### 3. Common Applications This part is predominantly used in **Automotive Electronics**. Its design is ruggedized to handle: 1. **Extreme Temperatures:** Operating ranges often span from -30°C to +85°C. 2. **Vibration Resistance:** Connectors are often locking types to prevent disconnection during vehicle movement. 3. **High Contrast:** Optimized for visibility under direct sunlight. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the LVDS connector on this model?
    • ⤷ Is the MAH73TBA-R compatible with standard HDMI converters?
    • ⤷ What are the common failure symptoms for the backlight driver in this unit?