データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH74FAA-R

  • AI
    The **MAH74FAA-R** is a specific model of a **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Nidec** (often used in Dell or high-end server equipment). These fans are designed for high-performance cooling, long life, and precise speed control. ### 1. Key Technical Specifications The electronics of the MAH74FAA-R are designed to balance high airflow with thermal efficiency. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage** | 12V DC | | **Current Rating** | ~0.60A to 1.10A (Depending on specific revision) | | **Connector** | 4-Pin (PWM controlled) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Dimensions** | 70mm x 70mm x 25mm (Typical) | --- ### 2. Internal Electronic Components The "smarts" of the fan reside in the PCB located behind the central hub. #### A. The BLDC Controller IC Unlike a simple brushed motor, this fan uses an integrated circuit (IC) to switch the electromagnetic coils. * **Function:** It senses the position of the rotor and alternates the current to the stators to maintain rotation. * **Protection:** Most versions include **Locked Rotor Protection**, which cuts power if the blades are obstructed to prevent the motor from burning out. #### B. The 4-Wire Interface (Pinout) The electronic interface follows standard PC/Server cooling protocols: 1. **Black (GND):** Negative power return. 2. **Red (VCC):** +12V Power supply. 3. **Yellow/White (Tachometer):** Outputs a frequency pulse (FG signal) proportional to the RPM, allowing the motherboard to monitor fan health. 4. **Blue (PWM):** Receives a Pulse Width Modulation signal to adjust speed (0-100%) without changing the input voltage. #### C. Hall Effect Sensor A small magnetic sensor on the internal PCB detects the position of the permanent magnets on the rotor. This feedback is essential for the controller to know when to "fire" the next coil. --- ### 3. Usage Context Because of the **Dual Ball Bearing** design and high current draw, the MAH74FAA-R electronics are engineered for: * **Continuous Operation:** 24/7 server or workstation environments. * **High Static Pressure:** Moving air through dense heatsinks. * **Variable Speed:** Dynamic cooling based on CPU/System temperature.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PWM and DC speed control in these fans?
    • ⤷ How do I test the tachometer signal with an oscilloscope?
    • ⤷ What are the common failure points in BLDC fan circuitry?