データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH74TAG-R

  • AI
    The **MAH74TAG-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-current magnetic component used in automotive and industrial power management. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "MAH" series is often associated with high-reliability power inductors designed to handle significant current loads while maintaining a small footprint. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Power Inductor (Shielded) | | **Mounting Type** | Surface Mount Device (SMD) | | **Construction** | Metal Composite / Magnetic Shielding | | **Application** | DC-DC Converters, Automotive Electronics, Power Supplies | ### 2. Key Electronic Characteristics These parts are engineered for efficiency in power conversion stages. * **Inductance Value:** High-frequency performance with stable inductance over a wide temperature range. * **High Current Handling:** Designed to manage high saturation currents ($I_{sat}$) and temperature rise currents ($I_{rms}$) without core saturation. * **Magnetic Shielding:** The "TAG" designation often implies a specific shielding or coating that minimizes Electromagnetic Interference (EMI), which is critical for sensitive surrounding circuits. * **Thermal Stability:** Built to operate in harsh environments, typically rated for temperatures up to $125^\circ\text{C}$ or $150^\circ\text{C}$. --- ### 3. Structural Breakdown The MAH74TAG-R utilizes a specific physical architecture to optimize performance: 1. **Core Material:** Usually a metal alloy powder core which provides better saturation characteristics compared to traditional ferrite. 2. **Termination:** The "-R" suffix often indicates **RoHS Compliance** (Restriction of Hazardous Substances), utilizing lead-free solder terminations. 3. **Winding:** Low DC Resistance (DCR) copper winding to minimize power loss and heat generation. ### 4. Typical Applications | Category | Usage | | :--- | :--- | | **Automotive** | Infotainment systems, LED lighting drivers, and ECU power stages. | | **Computing** | VRM (Voltage Regulator Modules) for CPUs and GPUs. | | **Industrial** | High-efficiency point-of-load (POL) converters. | --- ### 5. Technical Precautions When integrating the MAH74TAG-R into a PCB design, consider the following: * **Solder Profile:** Ensure the Reflow Solder profile matches the manufacturer's spec to avoid internal thermal stress. * **Layout:** Keep the inductor close to the switching controller to minimize the current loop area and reduce EMI. * **Derating:** Always check the current derating curve if the ambient temperature exceeds $85^\circ\text{C}$.
    ✨ Follow-up Questions
    • ⤷ What are the exact Inductance (uH) and DCR values for the MAH74TAG-R?
    • ⤷ How does a metal composite core compare to a ferrite core in terms of saturation?
    • ⤷ What is the recommended footprint (land pattern) for this SMD component?