データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH78TAA-R

  • AI
    ## Analysis of the MAH78TAA-R Component The **MAH78TAA-R** is a specific electronic component typically identified as a **Micro-Electro-Mechanical Systems (MEMS) Magnetometer** or a digital magnetic sensor, often manufactured by companies like MEMSIC. These sensors are primarily used for electronic compass applications and orientation detection. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Type** | 3-Axis Magnetometer | Measures magnetic field in X, Y, and Z planes. | | **Communication** | I2C / SPI | Standard digital interfaces for microcontrollers. | | **Operating Voltage** | 1.62V to 3.6V | Low power consumption for mobile devices. | | **Full Scale Range** | ±10 to ±50 Gauss | Sensitivity range for Earth's magnetic field. | | **Resolution** | 14-bit to 16-bit | High precision for orientation accuracy. | | **Package** | LGA / WLCSP | Small footprint for compact PCB designs. | --- ### 2. Core Functional Blocks The internal architecture of the MAH78TAA-R consists of several critical stages: 1. **Anisotropic Magnetoresistive (AMR) Sensors:** The core sensing element that changes resistance based on the surrounding magnetic field. 2. **Analog Front End (AFE):** Amplifies the weak signals from the AMR sensors and filters noise. 3. **Analog-to-Digital Converter (ADC):** Converts the analog voltage levels into digital data for the system processor. 4. **Control Logic:** Manages power modes (Sleep, Single, Continuous) and I/O communication. --- ### 3. Common Applications * **Mobile Electronics:** Smartphones and tablets for map orientation (Electronic Compass). * **Drones / UAVs:** Heading stabilization and navigation. * **Wearables:** Smartwatches and fitness trackers. * **Virtual Reality:** Head-tracking for low-latency movement response. --- ### 4. Implementation Example (Pseudo-Code) To interface with the MAH78TAA-R via I2C, a developer would typically follow this logic: ```python import smbus # Device I2C Address (Example) DEVICE_ADDR = 0x30 def initialize_sensor(): # Set continuous measurement mode bus.write_byte_data(DEVICE_ADDR, 0x0A, 0x01) def read_magnetic_data(): # Read X, Y, Z high and low bytes data = bus.read_i2c_block_data(DEVICE_ADDR, 0x03, 6) x = (data[0] << 8) | data[1] y = (data[2] << 8) | data[3] z = (data[4] << 8) | data[5] return (x, y, z) ```
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the MAH78TAA-R in standby mode?
    • ⤷ How does the AMR technology in this sensor compare to Hall Effect sensors?
    • ⤷ What is the recommended calibration procedure for this magnetometer?