データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH78TAD-R

  • AI
    The **MAH78TAD-R** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Power Inductor**. These parts are critical in modern electronics for managing power flow, filtering noise, and energy storage in DC-DC converters. --- ### 1. Technical Specifications Inductors like the MAH78TAD-R are defined by their physical footprint and their electromagnetic properties. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Power Inductor / Shielded Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Construction** | Metal Composite or Ferrite Core | | **Applications** | Laptops, Servers, VRM (Voltage Regulator Modules) | ### 2. Key Features * **High Current Capability:** Designed to handle high saturation currents without the inductance dropping significantly. * **Low DCR (Direct Current Resistance):** Minimizes energy loss as heat, increasing the overall efficiency of the power circuit. * **Magnetic Shielding:** The "Shielded" nature of this part ensures that the magnetic field generated does not interfere with nearby sensitive components (like CPUs or RF modules). * **Compact Footprint:** The "78" in the part number often refers to the physical dimensions (e.g., approx. 7.0mm x 8.0mm), making it suitable for high-density PCB designs. ### 3. Functional Role in a Circuit The MAH78TAD-R typically functions as a **Buck Converter Inductor**. In this role, it performs two main tasks: 1. **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Filtering:** It smooths out the high-frequency switching noise to provide a steady DC voltage to the load (e.g., a microprocessor). ### 4. Code Breakdown (General Industry Standards) While naming conventions vary by manufacturer (such as Maglayers or similar vendors), the code usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MAH** | Series series designation (High current/Metal alloy) | | **78** | Dimensional code (Length/Width) | | **TA** | Material or Thickness characteristic | | **D** | Tolerance or Internal Revision | | **R** | Packaging (usually Tape & Reel) | --- ### 5. Common Use Cases * **GPU/CPU Power Supplies:** Used in the multi-phase power stages of high-performance computing. * **DC-DC Converters:** Point-of-load (POL) regulators. * **Battery Powered Devices:** Where high efficiency and small size are mandatory.
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance (uH) and current (A) ratings for the MAH78TAD-R?
    • ⤷ Which manufacturers produce equivalents to the MAH78TAD-R series?
    • ⤷ How does magnetic shielding in this inductor prevent EMI issues?