データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH78TAX-R

  • AI
    The **MAH78TAX-R** is a specific surface-mount electronic component, typically categorized as a **Thin Film Chip Inductor** or a high-frequency filtering component. These parts are designed for high-density electronic assemblies where space and precision are critical. --- ### 1. Component Specifications While specific values (inductance/tolerance) depend on the manufacturer's alphanumeric suffix, the general characteristics of the **MAH78** series are outlined below: | Feature | Description | | :--- | :--- | | **Type** | Thin Film Multi-Layer Inductor | | **Package / Case** | 0306 or 0805 (Metric) standard SMD footprint | | **Core Material** | Ceramic or Ferrite (depending on frequency range) | | **Termination** | Sn (Tin) or Au (Gold) plated lead-free terminals | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Technical Attributes The "TAX-R" designation usually refers to specific performance characteristics and packaging: * **T (Tolerance):** Often indicates a tight tolerance (e.g., ±2% or ±5%) essential for RF matching circuits. * **AX (Application Specific):** Refers to high-reliability or high-frequency optimization. * **-R (RoHS/Reel):** Indicates compliance with Lead-Free (RoHS) standards and that the part is supplied on a Tape and Reel for automated Pick-and-Place machines. --- ### 3. Common Applications These parts are used in circuits where signal integrity and miniaturization are paramount: 1. **Mobile Communications:** Impedance matching for RF antennas in smartphones. 2. **Wireless Modules:** Noise suppression in Bluetooth, Wi-Fi, and GPS modules. 3. **High-Speed Data:** EMI (Electromagnetic Interference) filtering for high-speed signal lines. 4. **Wearables:** Power management and filtering in space-constrained devices like smartwatches. --- ### 4. Sample Integration (Schematic Representation) In a typical PCB layout, the MAH78TAX-R would be placed as a series element in an RF signal path: ```cpp // Representing the part in a Netlist/BOM structure { "PartNumber": "MAH78TAX-R", "Description": "High-Frequency Thin Film Inductor", "Footprint": "SMD_0805", "Quantity": 1, "RefDes": "L101" } ```
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the TAX-R variant?
    • ⤷ How does this inductor compare to wire-wound alternatives?
    • ⤷ Is this part compatible with lead-free reflow soldering?