データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAU321

  • AI
    The **MAU321** is a high-performance, miniature isolated DC-DC converter module, typically manufactured by companies like **MINMAX**. It is designed for industrial applications requiring high efficiency and a small footprint. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Nominal) | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | 200 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000V DC | | **Efficiency** | Up to 80% | | **Package Type** | SIP-7 (Single In-line Package) | --- ### 2. Internal Electronic Components While the module is encapsulated in a plastic case, its internal circuitry consists of several critical stages: 1. **Switching Controller:** An internal oscillator that converts the DC input into a high-frequency AC signal. 2. **Transformer:** A miniature high-frequency transformer that provides galvanic isolation between the input and output circuits. 3. **Rectification & Filtering:** High-speed diodes and ceramic capacitors (MLCC) that convert the AC back to a stable 5V DC. 4. **Feedback Loop:** Internal regulation circuitry to ensure the output voltage remains constant despite variations in the input voltage. --- ### 3. Application Use Cases * **Ground Loop Elimination:** Used to break ground loops in sensitive analog circuits. * **Data Communication:** Providing isolated power to RS-485, RS-232, or CAN bus transceivers. * **Industrial Control:** Powering sensors or microcontrollers in environments with high electrical noise. * **Medical Equipment:** (Note: Check specific certifications for patient-contact use). --- ### 4. Implementation Example Below is a basic pinout and wiring guide for a standard SIP-7 MAU321 module. ```text Pin Configuration: 1: +Vin (12V) 2: -Vin (GND) 5: -Vout (Common) 7: +Vout (5V) (Pins 3, 4, 6 are usually No Connection) ``` **Recommended External Circuitry:** It is recommended to use an input capacitor ($C_1$) and an output capacitor ($C_2$) to reduce ripple: * **C1:** 4.7µF/25V (Tantalum or MLCC) * **C2:** 10µF/10V (Low ESR)
    ✨ Follow-up Questions
    • ⤷What is the difference between the MAU321 and the MAU322?
    • ⤷ Does the MAU321 require a minimum load to operate correctly?
    • ⤷ What are the thermal considerations for mounting the MAU321 on a PCB?