データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAX17552B

  • AI
    ## Overview of the MAX17552B The **MAX17552B** is a high-efficiency, high-voltage, synchronous step-down (buck) DC-DC converter with integrated MOSFETs. It is designed to operate over a wide input voltage range while providing a compact power solution. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4V to 60V | | **Output Current** | Up to 100mA | | **Output Voltage Range** | 0.8V to 0.9 × $V_{IN}$ | | **Switching Frequency** | 100kHz to 2.2MHz (Programmable) | | **Efficiency** | Up to 90% | | **Operating Temperature** | -40°C to +125°C | --- ### Internal Electronic Components & Features The device integrates several critical sub-systems into a single silicon chip to reduce external component count: 1. **Integrated MOSFETs**: It features both high-side and low-side N-channel MOSFETs. This eliminates the need for an external Schottky diode, improving efficiency and reducing PCB space. 2. **Internal Feedback Loop**: It uses peak current-mode control, which provides stable operation and excellent line/load transient response. 3. **Compensation Network**: The device is designed to be internally compensated for most applications, simplifying the design process. 4. **Soft-Start**: Includes an internal soft-start feature to reduce inrush current during power-up. 5. **Protection Circuitry**: * **Hiccup-mode Overcurrent Protection**: Protects the device during short circuits. * **Thermal Shutdown**: Shuts down the part if the junction temperature exceeds +165°C. --- ### Application Circuit (Simplified Pinout) To implement the MAX17552B, you typically interact with the following pins: | Pin Name | Function | | :--- | :--- | | **VIN** | Input supply voltage (4V to 60V). | | **EN/UVLO** | Enable/Undervoltage Lockout input. Turns the device on/off. | | **VCC** | Internal LDO output. Usually bypassed with a 1µF capacitor. | | **FB** | Feedback input. Connected to a resistor divider to set the output voltage. | | **LX** | Switching node. Connected to the external power inductor. | | **RT** | Frequency programming pin. Connect a resistor to GND to set switching frequency. | --- ### Typical Usage Example To set an output voltage (e.g., 5V), a standard resistor divider is used on the **FB** pin: ```python # Calculation for Output Resistor Divider # V_out = 0.8 * (1 + R_top / R_bottom) V_target = 5.0 V_ref = 0.8 R_bottom = 10000 # 10k Ohms R_top = R_bottom * ((V_target / V_ref) - 1) # R_top = 10000 * (6.25 - 1) = 52.5k Ohms ``` --- ### Comparison: MAX17552A vs MAX17552B The primary difference between the "A" and "B" variants usually lies in the **operating mode**: * **MAX17552A**: Typically operates in PWM (Pulse Width Modulation) for lower noise. * **MAX17552B**: Often utilizes PFM (Pulse Frequency Modulation) at light loads to improve efficiency in battery-powered or standby applications.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the output inductor and capacitor?
    • ⤷ How does the EN/UVLO pin calculate the start-up threshold?
    • ⤷ What is the difference between Hiccup-mode and standard current limiting in this chip?