データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAX5500AGAP+

  • AI
    ## Overview of the MAX5500AGAP+ The **MAX5500AGAP+** is a high-performance, quad-channel, 12-bit voltage-output Digital-to-Analog Converter (DAC). It is manufactured by Analog Devices (formerly Maxim Integrated) and is designed for applications requiring high precision and low power consumption in a compact form factor. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 4 (Quad) | | **Interface Type** | 3-Wire SPI / QSPI / MICROWIRE Compatible | | **Supply Voltage (VDD)** | +2.7V to +5.5V | | **Output Type** | Buffered Voltage Output | | **Power Consumption** | 1.1mA (Normal Operation) / 1µA (Shutdown) | | **Package Type** | 20-Pin SSOP | | **Operating Temperature** | -40°C to +85°C | --- ### Internal Architecture and Features The MAX5500AGAP+ consists of several critical internal blocks that ensure its functionality: 1. **Resistor String DAC:** Uses a resistive ladder architecture to ensure monotonicity and minimize integral nonlinearity (INL). 2. **Output Buffers:** Each of the four channels features a rail-to-rail output amplifier. This allows the output to swing very close to the supply rails. 3. **Power-On Reset (POR):** Ensures that the DAC outputs start at 0V when power is first applied, preventing unpredictable system behavior. 4. **Reference Inputs:** The device features external reference inputs, allowing the user to define the output voltage range based on an external precision voltage source. --- ### Typical Application Circuit (Block Diagram Logic) To implement the MAX5500AGAP+, the following connections are typically required: ```mermaid graph LR MCU[Microcontroller] -- MOSI --> DIN[Data In] MCU -- SCLK --> SCLK[Serial Clock] MCU -- CS --> CS[Chip Select] VREF[Ref Voltage] --> REFA/B/C/D VDD[2.7V-5.5V] --> MAX5500 MAX5500 --> OUTA[Analog Out A] MAX5500 --> OUTB[Analog Out B] ``` --- ### Common Use Cases * **Industrial Process Control:** Precise control of actuators and valves. * **Automatic Test Equipment (ATE):** Generating specific reference voltages for testing circuits. * **Digital Offset and Gain Adjustment:** Trimming analog circuits to remove errors. * **Communication Systems:** Controlling gain and bias in RF stages. --- ### Comparison: MAX5500 vs. Similar Series | Feature | MAX5500 (12-bit) | MAX5501 (10-bit) | MAX5502 (8-bit) | | :--- | :--- | :--- | :--- | | **LSB Accuracy** | Highest | Medium | Lowest | | **Pin Compatibility** | Yes | Yes | Yes | | **Best For** | High Precision | General Purpose | Cost-Sensitive |
    ✨ Follow-up Questions
    • ⤷ How do you calculate the output voltage based on the digital input code?
    • ⤷ What are the advantages of a rail-to-rail output buffer in this DAC?
    • ⤷ Can the MAX5500 be used with a 1.8V logic microcontroller?