データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAX7300AGL

  • AI
    ## Overview of the MAX7300AGL The **MAX7300AGL** is a compact, high-performance I/O expander produced by Maxim Integrated (now part of Analog Devices). It is designed to provide additional input/output pins for microprocessors via an **I²C-compatible** 2-wire serial interface. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | I²C-Compatible (up to 400kbps) | | **Number of I/O Ports** | 28 Ports | | **Supply Voltage (V+ )** | 2.5V to 5.5V | | **Package Type** | 40-pin TQFN (6mm x 6mm) | | **Operating Temperature** | -40°C to +125°C | | **Logic Levels** | Independent for I/O and Interface | --- ### Core Electronic Characteristics #### 1. Flexible Port Configuration Each of the 28 ports can be independently configured by software into one of the following modes: * **Push-Pull Output:** For driving logic levels or small loads. * **Schmitt-Trigger Input:** For clean digital sensing, even with noisy signals. * **Input with Internal Pull-up:** Reduces external component count for buttons or switches. #### 2. Current Sinking and Sourcing * **Output Sinking:** Each port can sink up to **20mA**. * **Output Sourcing:** Each port can source up to **10mA**. * This makes the chip capable of directly driving LEDs without needing external transistors in many applications. #### 3. Low Power Consumption The device is optimized for battery-powered applications: * **Shutdown Mode:** Reduces supply current to a mere **4.5µA** (typical). * Even when active, the power consumption remains low, depending on the I/O load. #### 4. Address Selection The MAX7300 features **4 address select pins (AD0-AD3)**. Unlike standard chips that only allow High/Low, these pins can be connected to V+, GND, SCL, or SDA, allowing for up to **16 unique I²C addresses** on a single bus. --- ### Internal Functional Block Diagram Concepts The chip consists of several internal modules: 1. **I²C Interface Logic:** Handles communication and device addressing. 2. **Configuration Registers:** Stores the mode (Input/Output/Pull-up) for every port. 3. **Port Logic:** The physical circuitry (MOSFETs) that toggles the pins. 4. **Transition Detection:** Monitors inputs for changes to trigger interrupts (if supported by the controller logic). --- ### Common Use Cases * **Industrial Control:** Expanding PLC inputs. * **Consumer Electronics:** Managing keypads and status LEDs. * **Computing:** System monitoring and GPIO expansion on motherboards. * **White Goods:** Controlling buttons and displays on appliances.
    ✨ Follow-up Questions
    • ⤷ How do you configure the I2C address using the 4-level logic pins?
    • ⤷ What are the primary differences between the MAX7300 and the MAX7301?
    • ⤷ Can the MAX7300 be used to drive a 7-segment display directly?