データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAXQ2010-RFX

  • AI
    The **MAXQ2010-RFX** is a high-performance, low-power microcontroller from the MAXQ family, specifically designed for applications requiring precise measurement, such as electronic energy metering (Smart Grids) and industrial control. --- ### 1. Key Technical Specifications The device is built around a proprietary 16-bit RISC architecture that is highly efficient, often executing instructions in a single clock cycle. | Feature | Specification | | :--- | :--- | | **Core Architecture** | 16-bit MAXQ RISC | | **Flash Memory** | 64KB | | **RAM** | 2KB | | **Supply Voltage** | 2.7V to 3.6V | | **Operating Temp** | -40°C to +85°C | | **I/O Pins** | Up to 40 General Purpose I/O | | **Package** | 100-pin LQFP | --- ### 2. Core Electronic Components & Subsystems #### A. Analog Front-End (AFE) The standout feature of the MAXQ2010 is its integrated analog subsystem, which makes it ideal for metrology: * **ADC:** It typically features multi-channel, high-resolution Sigma-Delta Analog-to-Digital Converters (usually 24-bit). * **Voltage Reference:** Includes an internal temperature-compensated bandgap reference for stability across environmental changes. #### B. Digital Peripherals * **Timers:** Multiple 16-bit timers for PWM generation and pulse counting. * **Communication:** Includes standard interfaces like **UART**, **SPI**, and **I2C** for connecting to external RF modules or sensors. * **LCD Controller:** Built-in driver capable of controlling segmented LCD displays directly, reducing external component count. #### C. Power Management * **Ultra-Low Power Modes:** Designed to run on battery power for extended periods. It features "Stop" and "Sleep" modes where current consumption drops to the microampere range. * **Real-Time Clock (RTC):** An independent clock with battery backup support for time-stamping data. --- ### 3. Application Use Cases The "RFX" designation often implies its use in environments where the microcontroller acts as the "brain" for a wireless node. 1. **Smart Meters:** Measuring electricity, gas, or water consumption and transmitting data via an RF sub-module. 2. **Industrial Sensors:** Monitoring line voltages and currents in harsh electrical environments. 3. **Data Loggers:** Long-term environmental monitoring where low power consumption is critical. --- ### 4. Programming & Development The MAXQ architecture uses a "Transfer-Triggered" architecture. Instead of a traditional ALU-centric approach, almost every register can serve as a source or destination, and the act of moving data often triggers an operation. ```c // Example pseudo-code for initializing a MAXQ port PD0 = 0xFF; // Set Port 0 as Output PO0 = 0xAA; // Output alternating bit pattern ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the MAXQ 16-bit RISC architecture over standard ARM cores?
    • ⤷ How does the Sigma-Delta ADC in this chip handle noise rejection?
    • ⤷ What specific RF modules are typically paired with the MAXQ2010?