データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MBD54DWT1G..

  • AI
    ## MBD54DWT1G: Dual Schottky Barrier Diode The **MBD54DWT1G** is a surface-mount electronic component manufactured by **ON Semiconductor** (onsemi). It consists of two Schottky barrier diodes housed in a single SC-88 (SOT-363) package, connected in a **common cathode** configuration. ### 1. Key Specifications The following table highlights the critical electrical parameters for the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | 30 | Volts (V) | | **Forward Continuous Current** | $I_F$ | 200 | Milliamps (mA) | | **Forward Voltage (at 100 mA)** | $V_F$ | 0.8 (Max) | Volts (V) | | **Reverse Recovery Time** | $t_{rr}$ | 5.0 | Nanoseconds (ns) | | **Operating Junction Temp** | $T_J$ | -55 to +150 | °C | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower forward voltage drop ($V_F$) and significantly faster switching speeds. * **Fast Switching:** With a recovery time of 5.0 ns, it is ideal for high-speed signal processing and high-frequency rectification. * **Low Capacitance:** Designed to minimize signal distortion in data lines. * **Dual Configuration:** The SOT-363 package contains two independent diodes sharing a common cathode (Pins 3 and 4), which saves board space and simplifies PCB layout. --- ### 3. Pin Configuration The MBD54DWT1G uses a 6-pin SOT-363 package. The typical internal wiring is as follows: | Pin Number | Connection | | :--- | :--- | | **1** | Anode 1 | | **2** | No Connection (NC) | | **3** | Common Cathode | | **4** | Common Cathode | | **5** | No Connection (NC) | | **6** | Anode 2 | --- ### 4. Common Applications * **Reverse Polarity Protection:** Protecting sensitive low-voltage circuits from battery reversal. * **Clamping/Clipping:** Used in high-speed logic circuits to prevent voltage swings from exceeding the supply rails. * **Data Line Protection:** Protecting I/O ports from electrostatic discharge (ESD) or voltage spikes. * **Power Management:** Small-scale rectification in DC-DC converters or battery-operated devices.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of a Schottky diode over a standard silicon diode?
    • ⤷ How does the 'Common Cathode' configuration affect PCB design?
    • ⤷ What are the thermal considerations for the SOT-363 package?