データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MBR545L-SMA-R

  • AI
    ## MBR545L-SMA-R: Electronic Component Overview The **MBR545L-SMA-R** is a Surface Mount Device (SMD) Schottky Barrier Rectifier diode. It is widely used in power management circuits due to its low forward voltage drop and high switching speed. ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Diode | Low-loss, high-speed semiconductor | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45V | Max voltage the diode can block | | **Average Forward Current ($I_{F(AV)}$)** | 5A | Max continuous current it can handle | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.55V | Energy lost across the diode (Load dependent) | | **Package Type** | DO-214AC (SMA) | Small surface mount footprint | | **Operating Temperature** | -55°C to +150°C | Robust for industrial environments | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in a significantly lower forward voltage drop, which translates to higher efficiency and less heat generation. * **High Switching Speed:** Due to the absence of reverse recovery time (minimal charge storage), this part is ideal for high-frequency switching power supplies. * **Low Power Loss:** The "L" in the part number often signifies "Low Forward Voltage," optimized for battery-powered or energy-efficient applications. --- ### 3. Pinout and Physical Construction The part is housed in an **SMA (DO-214AC)** package, which is a standard two-terminal SMD package. ```text Polarity Band (Cathode) | +-----|-----+ | [|||||||] | <-- SMA Body +-----|-----+ | Anode (+) ``` * **Cathode:** Indicated by a color band on the body. This must be connected to the more positive side of the circuit in a blocking configuration. * **Anode:** The opposite terminal. --- ### 4. Common Applications * **Freewheeling Diode:** Used in DC-DC converters (Buck/Boost) to provide a path for inductor current when the switch is off. * **Reverse Polarity Protection:** Protects sensitive electronics from damage if batteries or power supplies are connected backward. * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power sources. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between an SMA and an SMB package for this diode?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ In what specific circuit design would you choose a Schottky over a standard recovery diode?