データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MC34018G-R28-R

  • AI
    The **MC34018G-R28-R** is a high-performance voice-switched speakerphone integrated circuit (IC). It is designed to provide the necessary amplifiers, attenuators, and control logic to facilitate half-duplex hands-free communication. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Package Type** | SOP-28 (Small Outline Package) | | **Operating Voltage** | 6.0V to 11V | | **Power Consumption** | Low (typically ~5mA) | | **Attenuator Range** | 52 dB | | **Functionality** | Voice-switched speakerphone circuit | | **Microphone Amp Gain** | Adjustable via external resistors | --- ### 2. Functional Core Components The MC34018G-R28-R operates by monitoring the signal levels of both the "Transmit" (near-end) and "Receive" (far-end) paths to prevent feedback and howling. 1. **Attenuators (Transmit & Receive):** These work in a complementary fashion. When the Transmit path is active, the Receive path is attenuated, and vice versa. 2. **Level Detectors:** Four internal level detectors sense the ambient noise and speech levels to determine which state (Transmit, Receive, or Idle) the IC should switch to. 3. **Background Noise Monitor:** Distinguishes between constant background noise and actual speech to prevent accidental triggering of the transmission path. 4. **Microphone Amplifier:** A high-gain pre-amplifier stage for electret or dynamic microphones. --- ### 3. Pinout Overview (Selection) *The R28 suffix denotes a 28-pin configuration. Below are critical pin functions:* | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **TXO** | Transmit Output | | 4 | **MIC IN** | Microphone Input | | 10 | **VCC** | Positive Power Supply | | 14 | **RX IN** | Receive Path Input | | 20 | **CPO** | Comparator Output (Control Logic) | | 28 | **GND** | Ground | --- ### 4. Application Areas * **Speakerphones:** Traditional landline hands-free systems. * **Intercoms:** Security door stations or office communication systems. * **Conferencing Equipment:** Entry-level audio conferencing units. * **Automotive:** Hands-free kits for vehicle communication. --- ### 5. Part Number Suffix Breakdown * **MC34018:** Base part number (Voice Switched Speakerphone IC). * **G:** Usually denotes Green/Halogen-Free (Lead-Free). * **R28:** Refers to the SOP-28 package style. * **-R:** Generally indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the external components required to adjust the switching sensitivity?
    • ⤷ How does the MC34018 compare to the newer MC34118 series?
    • ⤷ Can this IC be used with modern 3.3V microcontrollers?