データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MC4580G-S08-R

  • AI
    ## Technical Overview of MC4580G-S08-R The **MC4580G-S08-R** is a high-performance, dual operational amplifier (Op-Amp) manufactured by **UTC (Unisonic Technologies)**. It is specifically designed for high-quality audio applications, offering low noise and low distortion. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Op-Amp Type** | Dual (2 Channels) | | **Package Type** | SOP-8 (Surface Mount) | | **Supply Voltage Range** | ±2V to ±18V | | **Gain Bandwidth Product** | 15 MHz (Typical) | | **Slew Rate** | 5 V/µs | | **Equivalent Input Noise** | 0.8 µVrms (Typical) | | **Total Harmonic Distortion (THD)** | 0.0005% | | **Output Current** | ~50mA | --- ### 2. Part Number Breakdown The suffixing in UTC components often indicates packaging and material status: * **MC4580**: The base model (Equivalent to the industry-standard RC4580). * **G**: Denotes **Halogen-Free** and RoHS compliant materials. * **S08**: Indicates the **SOP-8** package footprint. * **R**: Indicates **Tape and Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOP-8) | Pin Number | Symbol | Description | | :---: | :--- | :--- | | 1 | OUTPUT A | Output of the first amplifier | | 2 | -INPUT A | Inverting input of the first amplifier | | 3 | +INPUT A | Non-inverting input of the first amplifier | | 4 | V- | Negative power supply (or Ground) | | 5 | +INPUT B | Non-inverting input of the second amplifier | | 6 | -INPUT B | Inverting input of the second amplifier | | 7 | OUTPUT B | Output of the second amplifier | | 8 | V+ | Positive power supply | --- ### 4. Typical Applications The MC4580G is favored in circuitry where signal integrity and low noise floor are critical: 1. **Audio Preamplifiers:** Used in mixing consoles and professional audio interfaces. 2. **Active Filters:** Ideal for high-fidelity crossovers and equalizers due to the 15MHz bandwidth. 3. **Headphone Amplifiers:** Capable of driving low-impedance loads (up to 400Ω) with minimal distortion. 4. **Industrial Control:** Used in precision analog signal processing. --- ### 5. Implementation Example (Basic Non-Inverting Buffer) ```cpp // Schematic Logic for a single channel of MC4580 // V+ (Pin 8) -> +12V // V- (Pin 4) -> -12V // Input Signal -> Pin 3 (+IN A) // Feedback Loop -> Pin 1 (OUT A) connected to Pin 2 (-IN A) ```
    ✨ Follow-up Questions
    • ⤷What are the primary competitors/equivalents to the MC4580?
    • ⤷ Can this chip be used with a single-rail power supply?
    • ⤷ What is the maximum operating temperature for the MC4580G?