データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MC74VHC393D

  • AI
    ## Overview of MC74VHC393D The **MC74VHC393D** is a high-speed CMOS Dual 4-Stage Binary Counter. It consists of two independent 4-bit counters in a single package, often used for frequency division, time-delay generation, and counting applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | VHC (Very High Speed CMOS) | | **Function** | Dual 4-Stage Binary Counter | | **Voltage Supply Range** | 2.0V to 5.5V | | **Max Frequency ($f_{max}$)** | 115 MHz (at 5V) | | **Operating Temperature** | -55°C to +125°C | | **Package Type** | SOIC-14 | | **Output Drive Capability** | 8 mA | --- ### 2. Pin Configuration and Functions The device features 14 pins, divided into two identical counter sections (Counter 1 and Counter 2). | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 13 | CP1, CP2 | Clock Inputs (Active High-to-Low transition) | | 2, 12 | MR1, MR2 | Master Reset (Active High) | | 3-6 | Q0a - Q3a | Counter 1 Outputs | | 8-11 | Q0b - Q3b | Counter 2 Outputs | | 7 | GND | Ground | | 14 | VCC | Positive Supply Voltage | --- ### 3. Operational Characteristics - **Negative-Edge Triggering:** The counters increment on the **High-to-Low** (falling edge) transition of the Clock Pulse (CP) input. - **Master Reset (MR):** This is an asynchronous input. When MR is set to **High**, all four bits of the respective counter are reset to **Low (0)**, regardless of the clock input. - **Cascading:** By connecting the last output ($Q_3$) of the first counter to the clock input of the second counter, you can create an **8-bit binary counter**. --- ### 4. Logic Diagram Representation Each 4-bit counter internal logic can be simplified as a series of T-type Flip-Flops: ```text Clock Input (CP) ----> [FF0] ----> [FF1] ----> [FF2] ----> [FF3] | | | | Q0 out Q1 out Q2 out Q3 out ``` --- ### 5. Application Use Cases 1. **Frequency Dividers:** Dividing a clock signal by 2, 4, 8, or 16. 2. **Digital Clocks:** Used in the timing chain to count seconds, minutes, or hours. 3. **Address Generators:** Creating addresses for memory scanning in simple digital systems. 4. **Pulse Delay Circuits:** Generating specific delays based on the number of clock cycles.
    ✨ Follow-up Questions
    • ⤷ How does the VHC logic family compare to the standard HC family in terms of speed and power?
    • ⤷ Can you provide a circuit diagram for cascading two MC74VHC393D units for a 16-bit count?
    • ⤷ What are the specific input voltage thresholds for high and low logic levels at 5V?