データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCB3JB3K32

  • AI
    Based on the technical nomenclature provided, the **MCB3JB3K32** refers to a high-performance **Molded Case Circuit Breaker (MCCB)**, typically part of the Mitsubishi Electric (or compatible Japanese standard) **NF series** or similar industrial protection equipment. --- ### 1. Component Overview An MCCB is an electromechanical device designed to protect an electrical circuit from overcurrent, which can result from an overload or a short circuit. ### 2. Technical Specifications The alphanumeric code generally breaks down into the following electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Frame Size** | 32 AF | The physical size of the housing and terminal capacity. | | **Rated Current ($I_n$)** | 32 Amperes | The maximum continuous current the device can carry. | | **Poles** | 3 Pole (3P) | Designed for 3-phase AC systems. | | **Breaking Capacity** | Class K / 3.0kA | The maximum fault current the breaker can safely interrupt. | | **Protection Type** | Thermal-Magnetic | Uses a bimetal strip for overloads and a solenoid for short circuits. | --- ### 3. Internal Electronic & Mechanical Parts The MCB3JB3K32 consists of several critical internal components that work together: 1. **Arc Chute:** A set of parallel metal plates that cools and extinguishes the electric arc generated when the contacts open under load. 2. **Bimetallic Strip (Thermal Protection):** A component made of two bonded metals with different expansion rates. It bends when heated by excess current, eventually tripping the latch. 3. **Electromagnetic Solenoid (Magnetic Protection):** Provides instantaneous tripping during a short circuit by creating a magnetic field that pulls the trip bar. 4. **Operating Mechanism:** The mechanical linkage (Toggle handle) that provides the "Quick-Make / Quick-Break" functionality, ensuring the speed of contact opening is independent of the handle's movement speed. 5. **Contacts:** Usually made of silver-alloy material to minimize electrical resistance and withstand high-temperature arcing. ### 4. Application Usage * **Industrial Motors:** Protecting small to medium 3-phase motors. * **Control Panels:** Serving as a main or branch disconnect in electrical enclosures. * **HVAC Systems:** High-reliability protection for compressors and fans. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MCB and an MCCB in terms of current range?
    • ⤷ How do I calculate the correct breaking capacity for a 32A circuit?
    • ⤷ What are the specific installation requirements for a 3-pole circuit breaker?