データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCI21F-R12KA

  • AI
    The **MCI21F-R12KA** is a surface-mount multilayer ceramic inductor. It is designed primarily for high-frequency filtering and signal conditioning in compact electronic circuits. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. General Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Tolerance** | ±10% (K) | | **Case Size** | 0805 (Metric 2012) | | **Material** | Multilayer Ferrite | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electrical Performance * **DC Resistance (DCR):** Usually low (typically around 0.30 - 0.50 Ω maximum), which minimizes power loss and heat generation within the circuit. * **Rated Current:** This part is generally rated for a maximum current of approximately **250mA to 300mA**. Exceeding this can lead to core saturation or thermal failure. * **Self-Resonant Frequency (SRF):** It has a high SRF (typically >250 MHz), making it effective for high-frequency applications where the inductor must maintain its inductive properties without becoming capacitive. --- ### 3. Construction and Materials The "MCI" series typically utilizes a **Multilayer Technology**: 1. **Ferrite Body:** Provides the magnetic path for the flux. 2. **Internal Conductors:** Screen-printed silver (Ag) layers stacked to form the coil structure. 3. **Terminations:** Usually composed of a three-layer structure (Silver/Nickel/Tin) to ensure excellent solderability and resistance to leaching during the reflow process. --- ### 4. Typical Applications The MCI21F-R12KA is commonly found in the following scenarios: * **Mobile Devices:** EMI suppression in smartphones and tablets. * **RF Circuits:** Impedance matching and resonance in high-frequency communication modules. * **Filtering:** Decoupling power lines to prevent high-frequency noise from entering sensitive ICs. --- ### 5. Part Number Decoding The part number follows a standard nomenclature: * **MCI:** Multilayer Chip Inductor. * **21:** Size code (0805 / 2.0mm x 1.25mm). * **F:** Material type (Ferrite). * **R12:** Inductance value (R = decimal point; R12 = 0.12 µH). * **K:** Tolerance (±10%). * **A:** Packaging/Process variation code.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the MCI21F-R12KA?
    • ⤷ How does the SRF affect its performance in a 5G circuit?
    • ⤷ What is the maximum reflow temperature recommended for this inductor?