データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2EU/WE

  • AI
    The **MCSO2EU/WE** is a high-precision, space-qualified **Crystal Oscillator** manufactured by *Microchip Technology* (specifically via the *Vectron* brand heritage). It is designed for high-reliability applications, primarily in aerospace and satellite communication. --- ### 1. Key Technical Specifications The device is a Clock Oscillator (XO) that provides a stable frequency source within a miniature ceramic package. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.0 MHz to 100.0 MHz | | **Supply Voltage (Vdd)** | 2.5V, 3.3V, or 5.0V variants | | **Output Type** | HCMOS / TTL Compatible | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Package Type** | Ceramic LCC (Leadless Chip Carrier) | | **Dimensions** | 5.0 x 7.0 mm (Standard footprint) | --- ### 2. Core Electronic Components Internally, the MCSO2EU/WE consists of three main functional blocks: 1. **High-Q Quartz Crystal:** A premium grade quartz blank cut to specific angles to minimize frequency drift over extreme temperature ranges. 2. **CMOS Integrated Circuit (ASIC):** This chip contains the sustaining amplifier, the output buffer, and the voltage regulation circuitry. 3. **Bypass Capacitors:** Integrated within the package to reduce electrical noise and ensure signal integrity. --- ### 3. Space-Grade Characteristics The "EU/WE" designation often refers to specific screening levels or radiation hardening characteristics: * **Radiation Tolerance:** Designed to withstand Total Ionizing Dose (TID) typically up to 100 krad(Si). * **Low Outgassing:** The materials used are compliant with NASA/ESA standards for vacuum environments to prevent contamination of optical equipment. * **Shock & Vibration:** Rated for extreme mechanical stress during rocket launches (e.g., MIL-STD-202). --- ### 4. Typical Application Circuit To use this part, minimal external components are required. Below is a conceptual representation of the pinout configuration: ```c /* Standard 4-Pin LCC Layout */ Pin 1: E/D (Enable/Disable) or NC Pin 2: GND (Ground) Pin 3: Output (Clock Signal) Pin 4: Vdd (Power Supply) // Design Note: Place a 0.1uF ceramic bypass capacitor // as close as possible to Pin 4 (Vdd) and Pin 2 (GND). ``` ---
    ✨ Follow-up Questions
    • What are the specific differences between the EU and WE screening levels?
    • How does this oscillator compare to a TCXO in terms of stability?
    • What is the typical aging rate for this specific component over 10 years?