データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2EV

  • AI
    The **MCSO2EV** is a high-performance, high-stability **Clock Oscillator** manufactured by Micro Crystal AG. It is specifically designed for extreme environments, particularly in the medical, aerospace, and high-reliability industrial sectors. Below is a breakdown of its core electronic parts, specifications, and architecture. --- ## 1. Core Technical Specifications The MCSO2EV is characterized by its wide frequency range and low power consumption. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage (Vdd)** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Operating Temperature** | -55°C to +125°C (Military Grade available) | | **Output Signal** | CMOS / HC-MOS | | **Package Type** | Ceramic SMD (Small Form Factor) | --- ## 2. Key Internal Components & Features ### A. High-Q Quartz Crystal The heart of the component is a high-quality quartz resonator. The "MCSO" stands for **Miniature Crystal Solderable Oscillator**. The EV variant utilizes a specific cut of quartz to ensure stability over a broad temperature range. ### B. CMOS Integrated Circuit (IC) The internal IC contains the following sub-circuits: * **The Oscillator Circuit:** Maintains the vibration of the quartz. * **The Buffer:** Ensures the output signal is strong enough to drive external loads without affecting the crystal’s stability. * **Frequency Divider:** Some versions use a divider to achieve low frequencies (kHz range) from a higher-frequency base crystal. ### C. Ceramic Housing (Package) The component is housed in a hermetically sealed ceramic package with a metal lid. * **Hermetic Sealing:** Protects the internal quartz and IC from moisture and atmospheric pressure changes. * **Gold-Plated Pads:** Ensures reliable soldering and prevents oxidation in harsh environments. --- ## 3. Pin Configuration The MCSO2EV typically follows a standard 4-pin layout: | Pin | Name | Function | | :--- | :--- | :--- | | **1** | E/H or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Negative Supply | | **3** | Fout | Frequency Output (Clock Signal) | | **4** | Vdd | Positive Supply Voltage | --- ## 4. Notable Characteristics * **Low Aging:** The electronic aging rate is very low, meaning the frequency stays accurate over many years. * **Shock & Vibration Resistance:** Specifically engineered to withstand mechanical stress (e.g., in down-hole drilling or aerospace launches). * **Fast Start-up:** The internal electronics allow the clock to stabilize very quickly after power-on (typically < 5ms).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MCSO2EV and a standard TCXO?
    • ⤷ Can you provide the specific soldering profile for the MCSO2EV ceramic package?
    • ⤷ How does the Enable/Disable function affect current consumption in this part?