データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2FHW

  • AI
    ## MCSO2FHW: High-Frequency Crystal Oscillator Overview The **MCSO2FHW** is a specialized high-stability, high-frequency crystal oscillator manufactured by **Micro Crystal**. It is primarily designed for high-end industrial, medical, and aerospace applications where reliability and precision are paramount. --- ### 1. Key Technical Specifications The "MCSO" series stands for **Military/Medical Crystal Silicon Oscillator**, reflecting its robust construction. | Parameter | Specification | | :--- | :--- | | **Package Type** | SMT Ceramic Package (DIL 14 / 4-pin) | | **Frequency Range** | Typically 10 MHz to 225 MHz | | **Supply Voltage ($V_{DD}$)** | 2.5V, 3.3V, or 5.0V (Variant dependent) | | **Output Type** | CMOS / HCMOS | | **Operating Temperature** | -55°C to +125°C (Military Grade available) | | **Aging** | Low aging (typically ±3 ppm for the first year) | --- ### 2. Electronic Composition The device is a hybrid integrated circuit that combines two main electronic blocks within a hermetically sealed package: #### A. The Quartz Crystal Blank * **Material:** High-quality synthetic quartz. * **Cut:** Usually an **AT-cut** crystal for superior temperature stability. * **Role:** Acts as the piezoelectric resonator that determines the fundamental frequency. #### B. The Oscillator IC (CMOS) * **Inverter/Amplifier:** Maintains the oscillation by compensating for energy losses in the crystal. * **Feedback Network:** Ensures the circuit stays in the correct phase for stable oscillation. * **Output Buffer:** A CMOS driver that isolates the sensitive crystal circuit from external load capacitance, ensuring a clean square wave. --- ### 3. Pin Configuration (Typical) The MCSO2FHW usually follows a standard 4-pin layout: | Pin | Name | Description | | :--- | :--- | :--- | | **1** | **E/D** | Enable/Disable (Tristate) or No Connect | | **2** | **VSS** | Ground | | **3** | **Fout** | Frequency Output (CMOS) | | **4** | **VDD** | Power Supply Voltage | --- ### 4. Distinctive Features 1. **High Shock & Vibration Resistance:** The internal crystal is mounted using specialized gold-plated leads to withstand extreme mechanical stress. 2. **Wide Frequency Range:** Unlike standard crystals, this integrated oscillator can reach up to **225 MHz** using fundamental or overtone modes managed by the internal IC. 3. **Hermetic Sealing:** The ceramic package is seam-sealed under vacuum or nitrogen to prevent aging caused by oxidation or moisture. --- ### 5. Common Applications * **Medical Electronics:** Imaging systems and portable diagnostic tools. * **Defense & Aerospace:** Navigation systems and secure communication. * **Industrial:** High-speed data acquisition and harsh-environment sensors.
    ✨ Follow-up Questions
    • ⤷How does the Enable/Disable (E/D) pin affect power consumption in this oscillator?
    • ⤷ What are the main differences between the MCSO2FHW and a standard XO oscillator?
    • ⤷ What is the phase noise performance typically expected from this series?