データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2HWSLASHTB

  • AI
    The **MCSO2HWS/TB** (often associated with specialized high-temperature applications) is a series of high-performance **Micro-Crystal Silicon Oscillators**. These components are specifically engineered to provide a stable clock signal in environments where standard quartz oscillators would fail. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with this series of oscillators: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Clock Oscillator (XO) | | **Technology** | AT-cut crystal / CMOS output | | **Package Size** | 5.0 x 3.2 mm (Ceramic LCC) | | **Frequency Range** | Typically 10 kHz to 100 MHz | | **Operating Temperature** | High range: -55°C up to +210°C | | **Supply Voltage** | 3.3V or 5.0V (Standard) | | **Output Type** | CMOS / TTL compatible | --- ### 2. Core Electronic Features The "HWS" designation usually refers to **High-Temperature Wide-Stability**, and "TB" often denotes **Taped and Reeled** packaging for automated assembly. * **Extreme Thermal Resilience:** Unlike consumer-grade electronics, these parts utilize specialized gold-plated internal bonding and ceramic packaging to withstand temperatures exceeding 200°C. * **Low Current Consumption:** Designed for downhole or aerospace applications where power efficiency is critical. * **Shock and Vibration Resistance:** The internal crystal is mounted using high-reliability adhesives to prevent frequency shifts under heavy mechanical stress. * **Fast Start-up Time:** Optimized circuitry ensures the oscillator reaches its stable frequency within milliseconds of power application. --- ### 3. Application Areas Because of their rugged construction, these parts are found in specific industrial niches: 1. **Downhole Drilling:** Sensors and telemetry tools used in oil and gas exploration where bottom-hole temperatures are extreme. 2. **Aerospace/Avionics:** Engine control units (ECUs) and sensors located near high-heat zones. 3. **Geothermal Energy:** Monitoring equipment for geothermal power plant infrastructure. 4. **Military Hardware:** Systems requiring high reliability across unpredictable thermal cycles. --- ### 4. Part Number Breakdown (Generic) While specific manufacturers vary, the nomenclature typically follows this logic: * **MCSO:** Micro-Crystal Silicon/Quartz Oscillator. * **2H:** Housing/Package style (5x3.2mm). * **W:** Wide temperature range. * **S:** Stability specification (e.g., +/- 100ppm). * **TB:** Packaging (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between MCSO oscillators and standard MEMS oscillators?
    • ⤷ Can this component be used in space-grade applications?
    • ⤷ What is the maximum frequency stability available for the MCSO2H series?