データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2LV

  • AI
    The **MCSO2LV** is a high-performance, low-voltage CMOS oscillator specifically engineered for high-reliability applications, such as medical, aerospace, and industrial sectors. It is manufactured by **Micro Crystal**, a company renowned for miniaturized quartz crystals and oscillators. ### 1. Overview and Key Specifications The MCSO2LV is designed to operate at low power while maintaining high frequency stability across a wide temperature range. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage ($V_{DD}$)** | 1.8 V to 3.3 V | | **Output Type** | CMOS / HCMOS | | **Package Type** | SMT Ceramic (e.g., 2.0 x 2.5 mm or 3.2 x 5.0 mm) | | **Operating Temp Range** | -40°C to +85°C (Standard) / up to +125°C (Extended) | | **Current Consumption** | Very Low (typically < 5 mA depending on frequency) | --- ### 2. Core Electronic Components The internal architecture of the MCSO2LV consists of three primary stages: #### A. Quartz Crystal Resonator The heart of the component is a high-quality quartz crystal. It provides the fundamental mechanical resonance. Because it is an "MCSO" (Micro Crystal Small Oscillator), the crystal is often processed using photolithography to ensure extreme precision in a tiny footprint. #### B. Integrated Circuit (IC) The internal IC contains the following sub-circuits: 1. **Oscillator Driver:** Provides the gain necessary to sustain oscillation in the quartz crystal. 2. **Frequency Dividers:** (Optional) Used if the output frequency is a sub-multiple of the crystal's fundamental frequency. 3. **Output Buffer:** Ensures the signal is strong enough to drive the load on the PCB without affecting the stability of the quartz core. #### C. Hermetic Package The components are housed in a ceramic package with a metal lid. This is vacuum-sealed or filled with inert gas to prevent aging caused by oxidation and to protect against humidity. --- ### 3. Key Advantages * **Low Voltage Operation:** Optimized for battery-powered devices (1.8V compatible). * **Fast Start-up Time:** Typically reaches stable oscillation within milliseconds. * **High Shock/Vibration Resistance:** Built for harsh environments where mechanical stability is critical. * **Low Jitter:** Provides a clean clock signal, which is essential for high-speed data communication. --- ### 4. Typical Pin Configuration Standard SMT oscillators like the MCSO2LV typically feature 4 pads: | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | E/D or NC | Enable/Disable (Tristate) or No Connection | | 2 | GND | Ground | | 3 | Fout | Clock Signal Output | | 4 | $V_{DD}$ | Power Supply Voltage | ---
    ✨ Follow-up Questions
    • ⤷What are the specific jitter specifications for the MCSO2LV?
    • ⤷ How does the 'Enable/Disable' function impact power consumption?
    • ⤷ What are the common footprints available for the MCSO2LV series?