データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2LW

  • AI
    The **MCSO2LW** is a high-performance, military-grade **Clock Oscillator** manufactured by *Microchip (Vectron)*. It is specifically designed to operate under extreme environmental conditions, making it a staple in aerospace, defense, and down-hole drilling applications. --- ### 1. Key Technical Specifications The MCSO2LW belongs to the family of CMOS crystal oscillators. Below are the primary electronic characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 10.0 kHz to 225 MHz | | **Supply Voltage (Vdd)** | 2.5V, 3.3V, or 5.0V | | **Output Type** | CMOS / TTL Compatible | | **Operating Temperature** | -55°C to +125°C (Up to +210°C for specific versions) | | **Package Style** | LCC (Leadless Chip Carrier) - 4 Pads | | **Aging** | ±3 ppm max in first year | --- ### 2. Core Electronic Components & Architecture The device is not a single component but a hybridized circuit contained within a hermetically sealed ceramic package. * **Quartz Crystal Resonator:** The "heart" of the part. It uses a high-Q factor quartz blank to maintain frequency stability. * **Oscillator IC:** A low-power CMOS integrated circuit that provides the necessary gain to sustain oscillation and buffers the output signal. * **Bypass Capacitors (Internal):** Integrated internally to reduce supply noise and ensure electromagnetic compatibility (EMC). * **Gold-Plated Pads:** The exterior pads are typically gold-plated to prevent oxidation and ensure reliable soldering in high-vibration environments. --- ### 3. Distinctive Features The "LW" suffix and the MCSO2 series are defined by several ruggedized features: 1. **Low Profile:** The "LW" designation often refers to the **Low Profile** ceramic package, which is ideal for height-constrained PCB designs. 2. **Hermetic Sealing:** The package is seam-sealed under a nitrogen atmosphere to protect the internal electronics from moisture and atmospheric contaminants. 3. **Shock & Vibration Resistance:** Engineered to withstand mechanical shocks (up to 5000g) and random vibrations common in missile guidance or aviation systems. 4. **Low Power Consumption:** Optimized for battery-operated remote sensors or portable military hardware. --- ### 4. Pin Configuration The MCSO2LW typically utilizes a standard 4-pad layout: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Case Connection | | **3** | Output | Frequency Signal Output | | **4** | Vdd | DC Supply Voltage | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency stability options available for the MCSO2LW?
    • ⤷ How does the Enable/Disable (Tristate) function affect power consumption?
    • ⤷ What are the soldering profile requirements for the LCC-4 ceramic package?