データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2V

  • AI
    The **MCSO2V** is a specific series of high-reliability, low-voltage **Clock Oscillators** manufactured by **Microcrystal** (a company of the Swatch Group). These components are designed specifically for harsh environments, high-temperature industrial applications, and aerospace/defense systems. Below is the technical breakdown of its electronic characteristics and construction. --- ## 1. Core Technical Specifications The MCSO2V series is defined by its ability to operate at extremely low voltages while maintaining high frequency stability. | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | 10.0 kHz to 225 MHz | | **Supply Voltage (Vdd)** | 1.8 V to 3.3 V (Standard) | | **Output Type** | CMOS / HCMOS compatible | | **Operating Temperature** | -55°C to +125°C (Military) / up to +210°C (High-Temp) | | **Package Type** | Surface Mount Device (SMD) Ceramic | | **Stability** | ±20 ppm to ±100 ppm (depending on grade) | --- ## 2. Key Electronic Components & Internal Design The MCSO2V is not just a crystal; it is an integrated timing solution containing several internal parts: ### A. The Quartz Crystal Blank * **Cut:** Usually uses an AT-cut crystal for high-frequency stability or a Tuning Fork for low frequencies. * **Orientation:** The crystal is chemically etched and precisely oriented to minimize frequency drift over temperature changes. ### B. The Integrated Circuit (Oscillator IC) * **Driver Circuit:** Provides the energy to maintain the crystal's mechanical vibration. * **Frequency Divider:** Some models include internal dividers to produce specific output frequencies. * **Output Buffer:** A CMOS buffer ensures the signal has clean "high" and "low" logic levels and can drive the load capacitance of the PCB trace. ### C. The Hermetic Package * **Material:** High-quality Ceramic (Alumina). * **Sealing:** Kovar lid with Gold-Tin (AuSn) sealing. This prevents moisture or gas from entering, which would otherwise shift the frequency or cause long-term aging issues. --- ## 3. Specialized Features for Electronics Design Engineers choose the MCSO2V over standard oscillators due to three specific electronic advantages: 1. **Low Power Consumption:** Optimized for battery-powered handheld devices in industrial settings (e.g., down-hole drilling sensors). 2. **High Shock/Vibration Resistance:** The internal mounting of the crystal blank is reinforced to withstand thousands of Gs of mechanical shock. 3. **Fast Start-up Time:** Typically starts oscillating in less than 5ms, which is critical for systems that cycle between sleep and active modes to save power. --- ## 4. Typical Circuit Application When integrating an MCSO2V into a schematic, the following connections are standard: ```c Pin 1: E/D (Enable/Disable) or NC (No Connection) Pin 2: GND (Ground) Pin 3: Fout (Frequency Output signal) Pin 4: Vdd (Supply Voltage - requires a 10nF to 100nF decoupling capacitor) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MCSO2V and a standard XO oscillator?
    • ⤷ How does the 'Enable/Disable' function impact power consumption in this part?
    • ⤷ What are the specific soldering requirements for the MCSO2V ceramic package?