データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MCSO2_17

  • AI
    The **MCSO2** series (specifically the **MCSO2_17**) refers to a specialized family of high-performance, high-stability **Clock Oscillators** developed by Microchip (specifically via their acquisition of Microsemi/Vectron). These are primarily designed for aerospace, defense, and high-reliability industrial applications. --- ## 1. Core Technical Specifications The MCSO2_17 is a crystal oscillator (XO) housed in a specific ceramic package. Below are the typical technical parameters: | Parameter | Specification | |:---|:---| | **Technology** | CMOS / Low Power | | **Frequency Range** | Typically 10 kHz to 100 MHz | | **Supply Voltage** | 3.3V or 5.0V (Variant dependent) | | **Package Type** | DIL-14 / 4-pin surface mount (SMD) | | **Operating Temp** | -55°C to +125°C (Military Grade) | | **Aging** | Low aging (approx. ±2ppm to ±5ppm per year) | --- ## 2. Key Electronic Components & Internal Architecture The device is not just a crystal; it is an integrated timing circuit consisting of several sub-components: ### A. Quartz Crystal Blank The heart of the device. It uses a high-Q factor quartz crystal blank, often cut at an **AT-cut** angle to ensure stability over a wide temperature range. ### B. Oscillator IC (Application Specific) This silicon chip provides: * **Gain Stage:** Maintains the oscillation of the crystal. * **Buffer Stage:** Protects the oscillator from load variations on the output pin. * **Logic:** Converts the analog sine wave of the crystal into a clean CMOS square wave. ### C. Ceramic Package The "17" in the series often relates to the physical dimensions or the specific pinout configuration. The package is **hermetically sealed** (usually with Kovar or gold-plated ceramic) to prevent moisture or atmospheric gases from affecting frequency stability. --- ## 3. Distinguishing Features The MCSO2 series is distinct from standard consumer-grade oscillators due to: 1. **High Shock/Vibration Resistance:** Built to withstand the forces of rocket launches or heavy machinery. 2. **Radiation Tolerance:** Many versions of this series are designed to be "Rad-Tolerant" for LEO (Low Earth Orbit) satellite applications. 3. **Low Jitter:** It provides a very "clean" clock signal, which is essential for high-speed data communication and FPGA synchronization. --- ## 4. Typical Applications * **Military Communications:** Secure radio and encryption hardware. * **Avionics:** Flight control computers and navigation systems. * **Down-hole Drilling:** High-temperature electronics used in oil and gas exploration. * **Space Systems:** Satellite bus controllers and telemetry units.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MCSO2_17 package?
    • ⤷ How does the MCSO2_17 compare to the MCSO1 series in terms of power consumption?
    • ⤷ Is the MCSO2_17 available in space-qualified 'Class S' versions?