データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MDA-12-R

  • AI
    The **MDA-12-R** is a specific model of ceramic tube fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in power electronics and industrial applications due to its high breaking capacity and time-delay characteristics. --- ### ## Technical Specifications Below are the primary electrical and physical parameters for the MDA-12-R: | Parameter | Value | | :--- | :--- | | **Current Rating** | 12 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC (typical) | | **Fuse Type** | Ceramic Tube | | **Response Characteristic** | Time-Delay (Slow-Blow) | | **Interrupting Rating** | 750A at 250VAC / 10kA at 125VAC | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### ## Key Features & Construction 1. **Ceramic Body:** Unlike glass fuses, the ceramic body allows for a much higher **interrupting rating**. This means the fuse can safely clear a much larger short-circuit current without the housing shattering. 2. **Time-Delay (Slow-Blow):** The internal element is designed to tolerate temporary "inrush" currents (like those seen when a motor starts or a large capacitor charges) without blowing, but it will open if a sustained overload occurs. 3. **Conductive End Caps:** Features nickel-plated brass end caps for high conductivity and corrosion resistance. 4. **The "-R" Suffix:** In the Eaton/Bussmann naming convention, the "R" signifies that the part is fully **RoHS compliant** (Lead-free). --- ### ## Common Applications The MDA-12-R is typically found in environments where heavy-duty protection is required: * **Industrial Control Panels:** Protecting PLC outputs and motor starters. * **Power Supplies:** Main input protection for high-wattage AC/DC converters. * **Appliances:** High-draw consumer electronics like microwaves or air conditioners. * **HVAC Systems:** Used in fan motor circuits and control boards. --- ### ## Usage Precautions > [!WARNING] > **Never replace a ceramic fuse with a glass fuse** of the same amperage unless the circuit specifically allows it. Ceramic fuses (like the MDA series) have higher breaking capacities; using a glass fuse in a high-fault-current environment can lead to an explosion of the fuse casing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MDA and MDL fuse series?
    • ⤷ Can the MDA-12-R be used in DC circuits higher than 125V?
    • ⤷ What are the recommended fuse holders for 1/4\ x 1-1/4\ fuses?