データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MDA-3-R

  • AI
    ### Detailed Overview of the MDA-3-R The **MDA-3-R** is a specific type of electronic component categorized as a **Time-Delay (Slow-Blow) Fuse**. It is part of the MDA series manufactured by Eaton (formerly Bussmann). These fuses are widely used to protect electrical circuits from overcurrent and short-circuit conditions where temporary surges are expected. --- ### 1. Technical Specifications The "3" in the part number indicates the current rating, and the "R" indicates RoHS compliance. | Feature | Specification | | :--- | :--- | | **Current Rating** | 3 Amperes | | **Voltage Rating** | 250 VAC (Standard) | | **Fuse Type** | Ceramic Tube, Time-Delay (Slow-Blow) | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Interrupting Rating** | 100A at 250VAC / 10,000A at 125VAC | | **Material** | Ceramic Body, Nickel-plated Brass Endcaps | | **Standards** | UL Listed, CSA Certified, RoHS Compliant | --- ### 2. Key Electronic Characteristics #### A. Time-Delay Functionality Unlike "Fast-Acting" fuses that blow instantly when the current exceeds 3A, the MDA-3-R is designed to withstand short-term high-current surges (inrush current). This is essential for circuits containing: * **Motors:** Which draw high current during startup. * **Transformers:** Which experience magnetic inrush. * **Large Capacitors:** Which draw a spike when charging. #### B. Ceramic Construction The body is made of **ceramic** rather than glass. Ceramic fuses are preferred for higher current/voltage applications because: * They can withstand higher temperatures. * They have a higher "Interrupting Capacity," meaning they can safely break a circuit during a high-energy short circuit without the fuse body shattering. --- ### 3. Part Number Breakdown | Component | Meaning | | :--- | :--- | | **MDA** | Series Name (Ceramic Tube, Time-Delay) | | **3** | Amperage Rating (3 Amps) | | **R** | RoHS Compliant (Lead-free and environmentally friendly) | --- ### 4. Typical Applications The MDA-3-R is commonly found in the following electronic environments: 1. **Industrial Controls:** Protecting PLCs and control power transformers. 2. **Power Supplies:** Used on the primary (AC) side to handle the initial surge. 3. **Appliances:** In high-power consumer electronics that utilize small motors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDA series and an AGC series fuse?
    • ⤷ Can I replace a glass fuse with a ceramic MDA-3-R in a high-surge circuit?
    • ⤷ How do I test if an MDA-3-R fuse is blown using a multimeter?