データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MDA-7-R

  • AI
    The **MDA-7-R** is a specific model of a **time-delay ceramic tube fuse** manufactured by Eaton (formerly Bussmann). It is widely used in power supplies, industrial controls, and high-current electronic circuits to provide overcurrent protection. --- ### 1. Technical Specifications The part number "MDA-7-R" breaks down into specific technical characteristics: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 7 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Time-Delay / Slow-Blow | | **Body Material** | Ceramic Tube | | **Form Factor** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Interrupt Rating** | 200A at 250Vac | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Components and Features #### A. Ceramic Body Unlike glass fuses, the MDA series uses a **ceramic tube**. Ceramic is structurally stronger and can withstand higher internal pressures and temperatures. This allows the fuse to have a higher "Interrupting Rating," meaning it can safely break a circuit during a high-energy short circuit without the fuse body shattering. #### B. Time-Delay Mechanism (Slow-Blow) The MDA-7-R is designed to handle **inrush currents**. In electronic devices like motors or large transformers, there is a momentary spike in current when the device is first turned on. * **Standard Fuses:** Would blow immediately during this spike. * **MDA-7-R:** Allows the spike to pass for a few milliseconds, but will blow if the overcurrent persists, protecting the circuit from sustained damage. #### C. End Caps The ends (ferrules) are typically made of nickel-plated brass. These provide the electrical contact points between the fuse and the fuse holder or clip. --- ### 3. Common Applications Due to its high current capacity and time-delay nature, the MDA-7-R is commonly found in: 1. **Industrial Control Panels:** Protecting PLC outputs and small motors. 2. **Power Supplies:** Serving as the primary input protection for AC-to-DC converters. 3. **HVAC Systems:** Protecting control boards from surges. 4. **Amplifiers:** Handling the high initial current draw of large capacitors. --- ### 4. Cross-Reference and Equivalents If you are looking for alternatives, these parts are often electrically equivalent: * **Littlefuse:** 326 Series (specifically 0326007.HXP) * **Bel Fuse:** Type GSA ---
    ✨ Follow-up Questions
    • ⤷What is the difference between MDA and MDL series fuses?
    • ⤷ How does the 'Interrupting Rating' impact safety in high-voltage circuits?
    • ⤷ Can a glass fuse be used as a temporary replacement for an MDA ceramic fuse?