データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MDL-3SLASH10-R

  • AI
    ## Analysis of the MDL-3/10-R Electronic Component The **MDL-3/10-R** is a specific model of electronic fuse manufactured primarily by **Eaton (Bussmann Series)**. It is a time-delay (slow-blow) glass tube fuse designed to protect electrical circuits from overcurrent conditions. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | MDL Series | | **Current Rating** | 0.3 Amps (3/10 A) | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Glass Tube / Miniature | | **Response Characteristic** | Time-Delay (Slow-Blow) | | **Dimensions** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | | **Material** | Glass body, Nickel-plated brass endcaps | --- ### Key Components and Designations #### 1. Time-Delay ("Slow-Blow") Unlike fast-acting fuses, the MDL series is designed to withstand temporary surges in current (inrush current). This is crucial for devices like motors or transformers that require a brief burst of power to start up but run at a much lower current afterward. #### 2. The Part Number Breakdown * **MDL**: The series prefix, indicating a standard glass tube time-delay fuse. * **3/10**: The amperage rating. In this case, 0.3 Amps. * **-R**: Indicates the part is **RoHS compliant** (Lead-free and restricted hazardous substances). #### 3. Construction * **Glass Body**: Allows for visual inspection to see if the internal filament has melted (blown). * **Filament**: A specifically calibrated wire or strip designed to melt at a precise thermal threshold. --- ### Common Applications The MDL-3/10-R is typically found in low-current electronic equipment where inductive loads are present: * Small power supplies. * Control circuits. * Consumer electronics with small motors. * Industrial instrumentation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDL fuse and an MDA fuse?
    • ⤷ How can I test if an MDL-3/10-R fuse is blown using a multimeter?
    • ⤷ Can I replace a 3/10 Amp fuse with a 1/2 Amp fuse safely?