データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MDL-7-R

  • AI
    The **MDL-7-R** is a specific model of a **Time-Delay Glass Tube Fuse**, part of the MDL series manufactured by Eaton (formerly Bussmann). It is widely used in electronic and electrical circuits to provide overcurrent protection for components that experience high initial surge currents. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the MDL-7-R: | Attribute | Specification | | :--- | :--- | | **Rated Current** | 7 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Glass Tube | | **Speed/Characteristic** | Time-Delay (Slow-Blow) | | **Dimensions** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **Interrupt Rating** | 200A at 250VAC / 10,000A at 125VAC | | **Material** | Glass body, Nickel-plated brass endcaps | | **RoHS Compliant** | Yes (-R suffix indicates RoHS compliance) | --- ### Key Electronic Components & Design #### 1. The Element (Internal Wire) The internal link is designed with a specific mass and geometry (often a coiled or weighted wire). This allows the fuse to withstand brief spikes in current—such as when a motor starts or a capacitor charges—without blowing. However, it will melt if the overcurrent persists. #### 2. The Glass Body The transparent glass envelope allows for easy visual inspection. If the fuse has blown due to a short circuit, the inside often appears blackened; if it blew due to a slight overload, the wire link will simply be broken. #### 3. Nickel-Plated Brass Endcaps These provide the electrical contact points. The "R" in the part number signifies that the plating and construction are **RoHS (Restriction of Hazardous Substances)** compliant, meaning they are lead-free. --- ### Comparison: MDL vs. AGC Fuses It is common to confuse the MDL series with the AGC series, as they share the same physical dimensions. | Feature | MDL (MDL-7-R) | AGC (AGC-7-R) | | :--- | :--- | :--- | | **Response Time** | Slow-Blow (Time-Delay) | Fast-Acting | | **Best Used For** | Inductive loads (Motors, Transformers) | Resistive loads (Lights, Heaters) | | **Overload Handling** | High tolerance for surges | Immediate disconnect on surge | --- ### Typical Applications * **Power Supplies:** Protecting the primary side of transformers. * **Consumer Electronics:** Used in older audio amplifiers and CRT monitors. * **Industrial Equipment:** Control circuits where solenoids or relays are present.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a time-delay fuse and a fast-acting fuse in a circuit?
    • ⤷ How do I test if an MDL-7-R fuse is blown using a multimeter?
    • ⤷ Can I replace a 250V MDL fuse with a 125V version if my circuit only uses 120V?