データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME11XAA-R

  • AI
    The **ME11XAA-R** is an industrial-grade **802.11ac Wi-Fi module** (often in a Mini-PCIe form factor) primarily based on the **MediaTek MT7612E** chipset. It is designed for high-performance networking applications such as industrial routers, access points, and gateways. --- ### ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Chipset** | MediaTek MT7612E | | **Interface** | Mini PCI Express (PCIe) 2.0 | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac | | **Frequency Band** | Dual-Band (2.4 GHz / 5 GHz) | | **Throughput** | Up to 867 Mbps (802.11ac) | | **MIMO Configuration** | 2x2 MIMO (2 Transmit, 2 Receive) | | **Modulation** | 256-QAM, OFDM, CCK | --- ### ### Key Electronic Components #### 1. The Core SoC (MT7612E) The heart of the module is the MediaTek MT7612E. This chip integrates a high-performance 2.4/5GHz dual-band radio and a MAC/BBP (Baseband Processor). It is specifically optimized for low power consumption while maintaining high throughput. #### 2. RF Front-End Modules (FEM) The board includes Power Amplifiers (PA) and Low Noise Amplifiers (LNA): * **PA:** Boosts the signal for transmission to ensure long-range coverage. * **LNA:** Increases the sensitivity for receiving weak signals from distant clients. #### 3. Antenna Connectors Usually equipped with **2x I-PEX (U.FL)** connectors. These are used to attach external dipole or PCB antennas. Because it is a 2x2 MIMO system, both antennas are required to reach the maximum 867 Mbps speed. #### 4. Power Management The module typically operates on a **3.3V DC** supply provided via the Mini-PCIe pins. It includes onboard voltage regulators (LDOs) to stabilize power for the sensitive RF circuitry. --- ### ### Pinout and Connectivity The module uses the standard 52-pin Mini-PCIe edge connector, but primarily utilizes the following lines: * **PCIe Lanes:** Differential pairs for high-speed data transfer between the module and the host CPU. * **Power/Ground:** 3.3V power rails. * **LED Control:** Pins to drive external status indicators for Link/Activity. * **W_DISABLE#:** Hardware pin to enable or disable the radio. --- ### ### Typical Use Cases * **Industrial IoT Gateways:** Providing high-speed wireless backhaul for sensors. * **Enterprise Access Points:** Supporting multiple concurrent users in a dual-band environment. * **Outdoor Wireless Bridges:** Long-range point-to-point data links.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the MT7612E chipset under full load?
    • ⤷ Does the ME11XAA-R support MU-MIMO or only standard SU-MIMO?
    • ⤷ Which Linux drivers are required to operate this module on an OpenWrt system?