データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME12XAA-R

  • AI
    The **ME12XAA-R** is an alphanumeric liquid crystal display (LCD) module. It is a character-based display, typically configured as a 12x1 (12 characters, 1 line) or 12x2 module, commonly used in embedded systems for simple data visualization. ### 1. Technical Specifications Below are the primary electronic characteristics of this module: | Parameter | Specification | | :--- | :--- | | **Display Type** | STN (Super-Twisted Nematic) / FSTN | | **Character Matrix** | 12 Characters x 1 Line (or 2 Lines depending on revision) | | **Interface** | Parallel (4-bit or 8-bit) | | **Operating Voltage (Vdd)** | +5V (typical) or +3.3V | | **LCD Drive Voltage (V0)** | Adjustable for contrast control | | **Backlight** | LED (Optional, typically Yellow-Green or White) | | **Controller Chip** | Compatible with HD44780 or SPLC780D | --- ### 2. Pin Configuration The module generally follows the standard 14-pin or 16-pin (if backlit) interface protocol used by industrial LCDs. | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | V0 | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus Lines | | 15 | A / LED+ | Backlight Anode (+) | | 16 | K / LED- | Backlight Cathode (-) | --- ### 3. Key Electronic Components * **Controller IC:** The "brain" of the module is usually an **HD44780** compatible chip. It handles the character generator ROM (CGROM), which contains the standard ASCII font, and the RAM (CGRAM) for custom characters. * **Contrast Circuit:** Pin 3 (V0) requires a variable resistor (10kΩ to 20kΩ) connected between VDD and VSS. Adjusting the voltage at this pin determines the visibility of the pixels. * **Instruction Set:** The module accepts standard commands such as `Clear Display`, `Return Home`, `Entry Mode Set`, and `Display ON/OFF`. ### 4. Implementation Example (Arduino) To drive this module, you can use the standard `LiquidCrystal` library. ```cpp #include // Initialize the library with the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { // Set up the LCD's number of columns and rows: lcd.begin(12, 1); // Print a message to the LCD. lcd.print("HELLO ME12X"); } void loop() { // Cursor and blinking logic here } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption for the ME12XAA-R with the backlight on?
    • ⤷ Can this module be interfaced using I2C instead of parallel?
    • ⤷ How do I calculate the resistor value needed for the LED backlight?