データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME12ZAA-R

  • AI
    The **ME12ZAA-R** is an electronic component primarily associated with **Thermal Cut-Off (TCO)** devices or thermal fuses, often manufactured by companies like **Uchihashi Estop (EYP series equivalents)** or similar specialized thermal protection vendors. These components are safety devices used to disconnect an electrical circuit when the operating temperature exceeds a specific rated limit. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for a part in this series: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Thermal Cut-Off (Non-Resettable) | | **Rated Functioning Temperature ($T_f$)** | Approximately 120°C - 125°C (Varies by sub-series) | | **Rated Voltage** | 250V AC | | **Rated Current** | 1A to 2A (Series dependent) | | **Body Material** | Ceramic or Resin insulated | | **Lead Orientation** | Axial (Wire leads on both ends) | --- ### 2. Functional Mechanism The ME12ZAA-R operates as a **one-shot** safety fuse. Unlike a circuit breaker or a PTC thermistor, it cannot be reset once it has tripped. * **Normal State:** The internal thermal element (usually a fusible alloy or pellet) is solid, keeping the contacts closed and allowing current to flow. * **Trigger State:** When the ambient temperature reaches the rated limit ($T_f$), the internal element melts. * **Open State:** Surface tension or a physical spring mechanism pulls the melted alloy apart, permanently breaking the circuit to prevent fire or equipment damage. --- ### 3. Key Features * **High Sensitivity:** Designed to react quickly to ambient temperature changes rather than current surges. * **Compact Form Factor:** Small dimensions allow it to be embedded directly into motor windings or transformer coils. * **Insulated Housing:** The "ZAA" designation often implies specific insulation properties or lead treatments for industrial environments. --- ### 4. Common Applications These parts are found in devices where overheating poses a significant fire risk: 1. **Small Appliances:** Coffee makers, irons, and hair dryers. 2. **Power Electronics:** Transformers, AC adapters, and battery chargers. 3. **Motors:** Shaded-pole motors used in fans or ventilation units. --- ### 5. Replacement Caution > [!CAUTION] > If an ME12ZAA-R fails, it is a sign of a thermal malfunction. Always identify the cause of the overheat before replacing it. **Never bypass this component** with a wire, as this removes the fire protection from the device.
    ✨ Follow-up Questions
    • ⤷ What is the exact trip temperature of the ME12ZAA-R?
    • ⤷ Can this component be replaced by a resettable thermal switch?
    • ⤷ How do I test if an ME12ZAA-R is blown using a multimeter?