データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME12ZAX-R

  • AI
    The **ME12ZAX-R** is an **Electro-Mechanical Power Relay** typically used in industrial automation, HVAC systems, and power control applications. It is designed to switch high-voltage and high-current loads using a low-power control signal. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the ME12ZAX-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Max Switching Current** | 12A to 16A (depending on specific model variant) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Voltage Options** | 5VDC, 12VDC, 24VDC, or 110VAC | | **Coil Power Consumption** | Approx. 400mW to 540mW | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Dielectric Strength** | 5,000VAC (between coil and contacts) | --- ### 2. Key Internal Components The relay operates through the interaction of three primary electronic sections: #### A. The Input (Coil) * **Copper Winding:** A fine wire wrapped around a core. When current flows, it creates an electromagnetic field. * **Protection (External):** Usually requires a **Flyback Diode** (like 1N4007) across the coil terminals to prevent voltage spikes from damaging the driving transistor when the relay turns off. #### B. The Actuator (Armature) * **Spring Mechanism:** Ensures the contacts return to their default state (Normally Closed) when power is removed. * **Yoke/Armature:** The metal piece moved by the magnetic force to bridge the electrical gap. #### C. The Output (Contacts) * **Stationary & Movable Contacts:** These are often plated with silver to reduce **Contact Resistance** and prevent "pitting" or welding caused by electrical arcing during high-load switching. --- ### 3. Application Use Cases * **Home Appliances:** Controlling heating elements in ovens or compressors in refrigerators. * **Industrial PLC Outputs:** Allowing a low-power Microcontroller (MCU) to trigger heavy motors or solenoids. * **Power Strips:** Used in "Smart" power strips for remote switching of outlets. --- ### 4. Circuit Diagram Representation To integrate this into a PCB design, use the following pinout logic: ```text Terminal Layout (Bottom View): [1] (Coil) [2] (Coil) | | [3] (COM)----------[4] (NC) \ \-------[5] (NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the footprint size of the ME12ZAX-R for PCB layout?
    • ⤷ How does the AgSnO2 contact material improve the relay's lifespan?
    • ⤷ What is the recommended flyback diode for a 12VDC version of this relay?