データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME14ZBA-R

  • AI
    The **ME14ZBA-R** is an electronic component primarily classified as a **NTC (Negative Temperature Coefficient) Thermistor**, commonly used in temperature sensing, compensation, and surge protection circuits. It is typically manufactured by brands like Mitsubishi Materials or specialized electronic component vendors. --- ### ## Technical Specifications Below are the typical electronic characteristics for this specific part series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | NTC Thermistor | Thermal Resistor | | **Resistance at 25°C** | Nominal Resistance | 14 kΩ (typical for '14' series) | | **Tolerance** | Resistance deviation | ±5% to ±10% | | **B-Constant** | Sensitivity to temperature change | 3500K - 4500K | | **Operating Temp** | Thermal Range | -40°C to +125°C | | **Mounting Type** | Through-hole or Lead-type | Radial Lead | --- ### ### Key Electronic Functions 1. **Temperature Sensing**: As the ambient temperature increases, the electrical resistance of the ME14ZBA-R decreases. This change is measured by a microcontroller to determine precise temperature readings. 2. **Inrush Current Limiting**: In power supply circuits, it provides high initial resistance to prevent a massive surge of current when the device is turned on, then drops in resistance as it warms up to minimize power loss. 3. **Temperature Compensation**: It is often paired with other components (like transistors or LCDs) to offset performance drifts caused by temperature fluctuations. --- ### ### Physical Construction and Identification * **Coating**: Usually encapsulated in an epoxy resin or silicone to protect the ceramic semiconductor element from moisture and oxidation. * **Lead Material**: Often Tinned Copper or Alloy wires for easy soldering onto PCBs. * **Marking Code**: * **ME**: Manufacturer series prefix. * **14**: Resistance value indicator. * **ZBA**: Tolerance and Material characteristic code. * **R**: Often denotes "RoHS Compliant" or a specific Lead configuration (Radial). --- ### ### Common Applications * **Consumer Electronics**: Battery pack thermal protection. * **HVAC Systems**: Airflow and liquid temperature monitoring. * **Automotive**: Engine coolant and cabin air temperature sensors. * **Industrial**: Overheat protection in motor windings.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance curve for the ME14ZBA-R at 100 degrees Celsius?
    • ⤷ How do I calculate the B-constant for this thermistor?
    • ⤷ Are there SMD equivalents for the ME14ZBA-R for compact PCB designs?