データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME18ZAX-R

  • AI
    The **ME18ZAX-R** is an electronic component primarily classified as a **Precision NTC (Negative Temperature Coefficient) Thermistor**. These parts are critical for temperature sensing, compensation, and control in high-reliability applications. ### 1. Technical Specifications The "ME" series, specifically the 18ZAX-R variant, generally follows these electrical characteristics: | Property | Value/Description | | :--- | :--- | | **Type** | NTC Thermistor (Resistance decreases as temperature increases) | | **Resistance at 25°C** | Typically 10kΩ or 100kΩ (varies by specific sub-batch) | | **Tolerance** | High Precision (often ±1% or ±0.5%) | | **Response Time** | Fast thermal response due to small mass | | **Package/Form** | Bead-type or leaded glass-encapsulated | --- ### 2. Core Electronic Functions The ME18ZAX-R functions as a variable resistor where the resistance is a direct function of the ambient temperature. * **Temperature Sensing:** Converts thermal energy into an electrical signal (resistance) that can be measured by a microcontroller via an ADC (Analog-to-Digital Converter). * **Thermal Compensation:** Used in circuits to offset the effects of temperature changes on other components (like crystals or amplifiers) to maintain stability. * **Protection:** Can be used to monitor battery packs or power supplies to trigger a shutdown if the device exceeds safe operating temperatures. --- ### 3. Key Physical Characteristics The "R" suffix often indicates **RoHS compliance**, meaning the part is manufactured without hazardous substances like lead or cadmium. 1. **Glass Encapsulation:** Provides high stability and protection against moisture and harsh environmental conditions. 2. **Wide Operating Range:** Usually rated for environments ranging from **-50°C to +250°C** (depending on the specific epoxy or glass coating used). 3. **Stability:** Known for low drift over time, which is essential for medical and industrial instrumentation. --- ### 4. Circuit Integration Example To use the ME18ZAX-R in a standard electronic circuit, it is typically placed in a **Voltage Divider** configuration: ```cpp // Basic calculation logic for an MCU V_out = V_cc * (R_thermistor / (R_fixed + R_thermistor)) // Where R_thermistor changes with temperature ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the ME18ZAX-R at 25 degrees Celsius?
    • ⤷ Which manufacturers typically produce this specific part number?
    • ⤷ How does the 'R' suffix impact the soldering process for this component?